Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2871
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2871 Datasheet HTML 3Page - Linear Technology LTC2871 Datasheet HTML 4Page - Linear Technology LTC2871 Datasheet HTML 5Page - Linear Technology LTC2871 Datasheet HTML 6Page - Linear Technology LTC2871 Datasheet HTML 7Page - Linear Technology LTC2871 Datasheet HTML 8Page - Linear Technology LTC2871 Datasheet HTML 9Page - Linear Technology LTC2871 Datasheet HTML 10Page - Linear Technology LTC2871 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM2881
7
2881fe
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, LTM2881-3 VCC = 3.3V, LTM2881-5
VCC = 5.0V, VL = 3.3V unless otherwise noted.
VCC2 vs Load Current
VCC Supply Current vs Temperature
at ILOAD = 100mA on VCC2
VCC2 Surplus Current
vs Temperature
VCC2 LOAD CURRENT (mA)
6
4
5
3
2
2881 G12
180
160
10
20
40
60
80 100 120 140
LTM2881-5
LTM2881-3
ICC2 OUTPUT CURRENT (mA)
0
10
60
50
40
30
20
70
200
50
100
2881 G13
150
LTM2881-5
LTM2881-3
100μs/DIV
2881 G14
VCC2
100mV/DIV
ILOAD
50mA/DIV
200μs/DIV
2881 G15
10mV/DIV
VCC2 Power Efficiency
VCC2 Load Step (100mA)
VCC2 Noise
TEMPERATURE (°C)
350
250
300
200
150
100
50
0
2881 G10
125
100
75
50
25
–25
0
–50
LTM2881-3, VCC = 3.3V
LTM2881-5, VCC = 5V
TEMPERATURE (°C)
250
200
150
100
50
0
2881 G11
125
100
75
50
25
–25
0
–50
LTM2881-5 (RS485 60mA)
LTM2881-3 (RS485 60mA)
LTM2881-3 (RS485 90mA)
LTM2881-5 (RS485 90mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com