Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2871
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871 Datasheet(HTML) 3 Page - Linear Technology

  LTC2871 Datasheet HTML 1Page - Linear Technology LTC2871 Datasheet HTML 2Page - Linear Technology LTC2871 Datasheet HTML 3Page - Linear Technology LTC2871 Datasheet HTML 4Page - Linear Technology LTC2871 Datasheet HTML 5Page - Linear Technology LTC2871 Datasheet HTML 6Page - Linear Technology LTC2871 Datasheet HTML 7Page - Linear Technology LTC2871 Datasheet HTML 8Page - Linear Technology LTC2871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM2881
3
2881fe
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
VCC Supply Voltage
LTM2881-3
LTM2881-5
l
l
3.0
4.5
3.3
5.0
3.6
5.5
V
V
VL
VL Supply Voltage
l
1.62
5.5
V
ICCPOFF
VCC Supply Current in Off Mode
ON = 0V
l
010
μA
ICCS
VCC Supply Current in On Mode
LTM2881-3 DE = 0V, RE = VL, No Load
LTM2881-5 DE = 0V, RE = VL, No Load
LTM2881-5, H/MP-Grade
l
l
l
20
15
25
19
20
mA
mA
mA
VCC2
Regulated VCC2 Output Voltage,
Loaded
LTM2881-3 DE = 0V, RE = VL, ILOAD = 100mA
LTM2881-5 DE = 0V, RE = VL, ILOAD = 150mA
LTM2881-3, H/MP-Grade, ILOAD = 90mA
l
l
l
4.75
4.75
4.75
5.0
5.0
V
V
V
VCC2NOLOAD Regulated VCC2 Output Voltage,
No Load
DE = 0V, RE = VL, No Load
4.8
5.0
5.35
V
Efficiency
ICC2 = 100mA, LTM2881-5 (Note 2)
62
%
ICC2S
VCC2 Short-Circuit Current
DE = 0V, RE = VL, VCC2 = 0V
l
250
mA
Driver
|VOD|
Differential Driver Output Voltage
R = ∞ (Figure 1)
R = 27Ω (RS485) (Figure 1)
R = 50Ω (RS422) (Figure 1)
l
l
l
2.1
2.1
VCC2
VCC2
VCC2
V
V
V
Δ|VOD|
Difference in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
l
0.2
V
VOC
Driver Common Mode Output
Voltage
R = 27Ω or R = 50Ω (Figure 1)
l
3V
Δ|VOC|
Difference in Magnitude of Driver
Common Mode Output Voltage
for Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
l
0.2
V
IOZD
Driver Three-State (High
Impedance) Output Current on
Y and Z
DE = 0V, (Y or Z) = –7V, +12V
DE = 0V, (Y or Z) = –7V, +12V, H/MP-Grade
l
l
±10
±50
μA
μA
IOSD
Maximum Driver Short-Circuit
Current
– 7V ≤ (Y or Z) ≤ 12V (Figure 2)
l
– 250
250
mA
Receiver
RIN
Receiver Input Resistance
RE = 0V or VL, VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
RE = 0V or VL, VIN = –7V, –3V, 3V, 7V, 12V (Figure 3),
H/MP-Grade
l
l
96
48
125
125
kΩ
kΩ
RTE
Receiver Termination Resistance
Enabled
TE = VL, VAB = 2V, VB = – 7V, 0V, 10V (Figure 8)
l
108
120
156
Ω
IIN
Receiver Input Current (A, B)
ON = 0V VCC2 = 0V or 5V, VIN = 12V (Figure 3)
ON = 0V VCC2 = 0V or 5V, VIN = 12V (Figure 3), H/MP-Grade
l
l
125
250
μA
ON = 0V VCC2 = 0V or 5V, VIN = –7V (Figure 3)
ON = 0V VCC2 = 0V or 5V, VIN = –7V (Figure 3), H/MP-Grade
l
l
–100
–145
μA
VTH
Receiver Differential Input
Threshold Voltage (A-B)
–7V ≤ B ≤ 12V
l
–0.2
0.2
V
ΔVTH
Receiver Input Failsafe Hysteresis B = 0V
25
mV
Receiver Input Failsafe Threshold B = 0V
–0.2
–0.05
0
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2881-3 VCC = 3.3V, LTM2881-5 VCC = 5.0V, VL = 3.3V, GND = GND2 =
0V, ON = VL unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com