Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912JP812AMAF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MM912JP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912JP812AMAF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MM912JP812AMAF Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
MM912_P812
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 3. MC9S12P Family Block Diagram
2K/4K/6K bytes RAM
RESET
EXTAL
XTAL
4K bytes Data Flash
BKGD
VDDR
Periodic Interrupt
Clock Monitor
Single-wire Background
TEST
Voltage Regulator
Debug Module
ATD
Interrupt Module
SCI
SS
SCK
PS3
PS0
PS1
PS2
MOSI
MISO
SPI
AN[9:0]
PAD[9, 7:0]
12-bit 10-channel
Analog-Digital Converter
16-bit 8 channel
Timer
TIM
Asynchronous Serial IF
8-bit 6channel
Pulse Width Modulator
PWM
PA1,PA6,PA5
XIRQ
IRQ
ECLK
PE4
PE3
PE2
PE7
PE6
PE5
32K/64K/96K/128K bytes Flash
CPU12-V1
Amplitude Controlled
Low Power Pierce
COP Watchdog
PLL with Frequency
Modulation option
Debug Module
3 address breakpoints
1 data breakpoints
64 Byte Trace Buffer
Reset Generation
and Test Entry
RXD
TXD
PJ2
CAN
PM3
PM0
PM1
PM2
msCAN 2.0B
RXCAN
TXCAN
PM4
PM5
Synchronous Serial IF
Auton. Periodic Int.
PJ7
PJ6
PT3
PT0
PT1
PT2
PT7
PT4
PT5
PT6
PP3
PP0
PP1
PP2
PP7
PP4
PP5
PWM3
PWM0
PWM1
PWM2
PWM4
PWM5
IOC3
IOC0
IOC1
IOC2
IOC7
IOC4
IOC5
IOC6
VDDA
VSSA
VRH
VRL
ECLKX2
VDDX1/VSSX1
VDDX2/VSSX2
PJ0
PJ1
3-5V IO Supply
VSS3
VSSPLL
Oscillator
PB0,PB2-6
(PB1, 7 not
included)
(PA0, 2:4, 7
not included)
(PAD 8 not
included)
PE0
PE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com