Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM912JP812AMAF Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MM912JP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912JP812AMAF Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MM912JP812AMAF Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
MM912_P812
PIN CONNECTIONS
Analog
28
IGNSUP
Input
Ignition Output Supply
Tie to +5.0 V for Darlington, tie to the VPWR supply for the IGBT output
device
Analog
29
IGNFB
Input
Feedback from Source
Voltage feedback from the source of the Ignition driver transistor through
a 10:1 voltage divider. Use a 10:1 voltage divider (36 k/4.02 k)
Analog
30
ISO9141
Input/
Output
ISO9141 K-Line
Bidirectional Serial Data
Signal
The ISO9141 pin is a VPWR level IN/OUT signal connected to a external
ECU Tester, using ISO9141 Protocol. The Output is Open drain and the
Input is a ratiometric VPWR level threshold comparator. Use an ESD
capacitor where the signal goes off the PC Board.
Analog
31
VCCSENS
Input
Voltage Sense from
VCC
Feedback to the internal VCC regulator from a external pass transistor.
Must have the minimum of a 2.2
μF capacitor
Analog
32
VCCREF
Output
VCC Reference Base
drive
Base drive voltage for an external PNP pass transistor
Analog
33
VPWR
Supply
Input
Main Voltage Supply
Input
VPWR is the main voltage supply input for the device. It connected to a
+12 volt battery (It should have reverse battery protection and transient
suppression.) It also needs a bypass capacitor to ground (100 nF or
0.1
μF)
MCU
34
PM4
I/O
PM4/
MOSI (SPI)
Port M, I/O pin 4 is a general purpose input or output pin. It can be
configured as the master output (during master mode) or slave input pin
(during slave mode). MOSI for the serial peripheral interface (SPI).
MCU
35
PM3
I/O
PM3/
SS (SPI)
Port M, I/O pin 3 is a general purpose input or output pin. It can be
configured as the slave select output pin SS of the serial peripheral
interface (SPI) (during master mode) and chip select input (CS) (during
slave mode).
MCU
36
PM2
I/O
PM2/
MISO (SPI)
Port M, I/O pin 2 is a general purpose input or output pin. It can be
configured as the master input (during master mode) or slave output pin
(during slave mode). MISO for the serial peripheral interface (SPI).
MCU
37
PM1
I/O
PM1/
TXCAN
Port M, I/O pin 1 is a general purpose input or output pin. It can be
configured as the transmit pin TXCAN of the scalable controller area
network controller (CAN).
MCU
38
PM0
I/O
PM0/
RXCAN
Port M, I/O pin 0 is a general purpose input or output pin. It can be
configured as the receive pin RXCAN of the scalable controller area
network controller (CAN).
MCU
39
VSSX1
Ground
VSSX1
External ground for I/O drivers. Bypass requirements depend on how
heavily the MCU pins are loaded. All VSSX pins are connected together
internally. Connect to Ground
MCU
40
VDDX1
Supply
Input
VDDX1
External power for I/O drivers. Bypass requirements depend on how
heavily the MCU pins are loaded. All VDDX pins are connected together
internally. Connect to VCC and use a 100 nF bypass capacitor to ground.
MCU
41
PP3
I/O
PP3/KWP3/PWM3
Port P, I/O pin 3 is a general purpose input or output pin. It can be
configured as a keypad wake-up input. It can be configured as a pulse
width modulator (PWM) output channel 3.
MCU
42
PT0
I/O
PT0/IOC0/PWM0
Port T, I/O pin 0 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 0 or pulse width modulator (PWM)
output channel 0.
MCU
43
PT1
I/O
PT1/IOC1
Port T, I/O pin 1 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 1.
MCU
44
PT2
I/O
PT2/IOC2
Port T, I/O pin 2 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 2.
Table 4. MM912_P812 Pin Definitions
Analog
or MCU
Pin
Pin Name
Pin
Function
Formal Name
Description and Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com