| Electronic Components Datasheet Search |
|
MMA6519KW Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6519KW Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 56 page ![]() Sensor Freescale Semiconductor, Inc. 35 MMA65xx 3.8.6 Signal Compensation The device includes internal OTP and signal processing to compensate for sensitivity error and offset error. This compensation is necessary to achieve the specified parameters in Section 2.4. 3.8.7 Output Scaling The 20 bit digital output from the DSP is clipped and scaled to a 12-bit data word which spans the acceleration range of the device. Figure 22 shows the method used to establish the output acceleration data word from the DSP output. Figure 22. 12-Bit Output Scaling Diagram 3.8.8 Data Interpolation The device includes 2 to 1 data interpolation to minimize the system sample jitter. Each result produced by the digital signal processing chain is delayed one half of a sample time, and the interpolated value of successive samples is provided between sample times. This operation is illustrated below. Figure 23. Data Interpolation Timing Over Range Signal Noise D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 12-Bit Data Word D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 Using Rounding Sn-3 Sn-2 t t Internal Sample Rate Output Sample Rate Sn-1 ts ts Sn-1 ts Sn Sn-2 S n 3 – S n 2 – + 2 ------------------------------- S n 2 – S n 1 – + 2 ------------------------------- S n 1 – S n + 2 ------------------------ Sn-3 SPI acceleration request occurring in this window receives interpolated sample SPI acceleration request occurring in this window receives true sample. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |