| Electronic Components Datasheet Search |
|
MMA6519KW Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6519KW Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 56 page ![]() Sensor 42 Freescale Semiconductor, Inc. MMA65xx 3.9 Serial Peripheral Interface The device includes a Serial Peripheral Interface (SPI) to provide access to the configuration registers and digital data. Ref- erence Section 4 for details regarding the SPI protocol and available commands. To maximize independence between the X and Y channels, the device includes two interface blocks, one for each axis. The X-axis interface block responds only to X-axis acceleration requests, or even addressed register commands. The Y-axis interface block responds only to Y-axis acceleration requests, or odd addressed register commands. To the SPI master, the device oper- ates as a single device. The internal independent blocks are transparent. Each SPI block has an independent shift register. Once a message is received (rising edge of CS), the contents of the two shift registers are compared. If the contents do not match, the Y-Axis SPI block will not respond, and the X-Axis SPI block will respond with a SPI Error as shown in Table 30. If the contents match, each SPI block decodes the message, and the appropriate block enables DO for a response during the next SPI message. Figure 33 shows an internal diagram of the SPI. Figure 33. SPI Diagram Y SPI CS_M SCLKM MOSIM I/O MISOM CS SCLK MOSI MISO CS SCLK MOSI MISO SPI Master X SPI If Bit 13 == ‘1’ If Bit 13 = ‘0’ & Bit 14 == ‘1’ & A0 == ‘1’ If Bit 13 == ‘1’ If Bit 13 = ‘0’ & Bit 14 == ‘0’ & A0 == ‘0’ Registers X-Axis Raw Data X-Axis OC Data Even Address Regs Y-Axis Raw Data Y-Axis OC Data Odd Address Regs X SPI Shift Register Y SPI Shift Register SPI Mismatch Error (SPI Error) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |