Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ09312B Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMZ09312B
Description  Heterojunction Bipolar Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMZ09312B Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMZ09312B Datasheet HTML 5Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 6Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 7Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 8Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 9Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 10Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 11Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 12Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MMZ09312BT1
9
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 900 MHz, 3.3 VOLT OPERATION
Figure 14. S11 versus Frequency versus
Temperature
1000
--28
0
700
f, FREQUENCY (MHz)
760
--4
--8
--12
--16
--20
--24
--40°C
820
880
940
25°C
85°C
Figure 15. S21 versus Frequency versus
Temperature
1000
10
38
700
f, FREQUENCY (MHz)
760
34
30
26
18
14
--40°C
820
880
940
25°C
85°C
Figure 16. S22 versus Frequency versus
Temperature
1000
--28
0
700
f, FREQUENCY (MHz)
760
--4
--8
--12
--16
--20
--24
--40°C
820
880
940
25°C
85°C
VCC1 =VCC2 =VBIAS =3.3 Vdc
22
VCC1 =VCC2 =VBIAS =3.3 Vdc
VCC1 =VCC2 =VBIAS =3.3 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com