Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ09312B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMZ09312B
Description  Heterojunction Bipolar Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMZ09312B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMZ09312B Datasheet HTML 1Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 2Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 3Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 4Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 5Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 6Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 7Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 8Page - Freescale Semiconductor, Inc MMZ09312B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MMZ09312BT1
1
RF Device Data
Freescale Semiconductor, Inc.
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
High Efficiency/Linearity Amplifier
The MMZ09312B is a 2-- stage high efficiency, Class AB InGaP HBT
amplifier designed for use as a linear driver amplifier in wireless base station
applications as well as an output stage in femtocell or repeater applications. It
is suitable for applications with frequencies from 400 to 1000 MHz such as
CDMA, GSM, LTE and ZigBeeR at operating voltages from 3 to 5 Volts. The
amplifier is housed in a cost--effective, surface mount QFN plastic package.
• Typical Performance: VCC1 =VCC2 =VBIAS =5 Volts, ICQ =74 mA
Frequency
Pout
(dBm)
Gps
(dB)
ACPR
(dBc)
PAE
(%)
Test Signal
900 MHz
24
31.5
--50.0
26.0
IS--95 CDMA
750 MHz
17.5
32.0
--50.0
15.3
LTE
10/20 MHz
450 MHz
29
33.0
--40.0
57.0
ZigBee
Features
• Frequency: 400--1000 MHz
• P1dB: 29.6 dBm @ 900 MHz
• Power Gain: 31.7 dB @ 900 MHz
• OIP3: 42 dBm @ 900 MHz
• Active Bias Control (adjustable externally)
• Single 3 to 5 Volt Supply
• Performs Well with Digital Predistortion Systems
• Single--ended Power Detector
• Cost--effective QFN Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7 inch Reel.
Table 1. Typical Performance (1)
Characteristic
Symbol
450
MHz
900
MHz
Unit
Small--Signal Gain (S21)
Gp
33.8
31.7
dB
Input Return Loss (S11)
IRL
--22
--15
dB
Output Return Loss (S22)
ORL
--25
--18
dB
Power Output @ 1dB
Compression
P1dB
28.8
29.6
dBm
1. VCC1 =VCC2 =VBIAS =5 Vdc, TA =25°C, 50 ohm system, CW
Application Circuit
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
6
V
Supply Current
ICC
550
mA
RF Input Power
Pin
14
dBm
Storage Temperature Range
Tstg
--65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 84°C, VCC1 =VCC2 =VBIAS =5 Vdc
RθJC
56
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Freescale Semiconductor
Technical Data
Document Number: MMZ09312B
Rev. 1, 2/2012
400--1000 MHz, 31.7 dB
29.6 dBm
InGaP HBT
MMZ09312BT1
CASE 2131--01
QFN 3x3
PLASTIC
© Freescale Semiconductor, Inc., 2011--2012. All rights reserved.


Similar Part No. - MMZ09312B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMZ09312B NXP-MMZ09312B Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
MMZ09312BT1 NXP-MMZ09312BT1 Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
More results

Similar Description - MMZ09312B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
Heterojunction Bipolar Transistor Technology
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
Heterojunction Bipolar Transistor
MMG3008NT1 FREESCALE-MMG3008NT1_12 Datasheet
350Kb / 15P
Heterojunction Bipolar Transistor
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
Heterojunction Bipolar Transistor
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
Heterojunction Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com