Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC667201MMG1 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 67Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 68Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 69Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 70Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 71Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 72Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 73Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 74Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
71
Electrical characteristics
RPUPD100K
SR
C Weak pull-up/down
resistance21, 100 k
option
—
65
—
140
k
RPUPD5K
SR
C Weak pull-up/down
resistance21, 5 k
 option
5 V ± 10% supply
1.4
—
5.2
k
C
3.3 V ± 10% supply
1.7
—
7.7
RPUPD5K
SR C
Weak Pull-Up/Down
Resistance21,
5k
 Option
5 V ± 5% supply
1.4
—
7.5
k
RPUPDMTCH
CC
C Pull-up/Down
Resistance matching
ratios (100K/200K)
Pull-up and
pull-down
resistances both
enabled and
settings are equal.
–2.5
—
2.5
%
TA (TL to TH)
SR
P Operating temperature
range - ambient
(packaged)
—
–40.0
—
125.0
°C
—
SR
D Slew rate on power supply
pins
——
—
25
V/ms
1 These specifications are design targets and subject to change per device characterization.
2 These specifications apply when V
RC33 is supplied externally, after disabling the internal regulator (VDDREG =0).
3 ADC is functional with 4 V
 V
DDA  4.75 V but with derated accuracy. This means the ADC will continue to function
at full speed with no undesirable behavior, but the accuracy will be degraded.
4 The V
DDF supply is connected to VDD in the package substrate. This specification applies to calibration package
devices only.
5 V
FLASH is available in the calibration package only.
6 Regulator is functional, with derated performance, with supply voltage down to 4.0 V
7 Multi-voltage power supply cannot be below 4.5 V when in low-swing mode
8 The slew rate (SRC) setting must be 0b11 when in low-swing mode.
9 While in low-swing mode there are no restrictions in transitioning to high-swing mode.
10 Pin in low-swing mode can accept a 5 V input
11 All V
OL/VOH values 100% tested with ± 2 mA load except where otherwise noted
12 Bypass mode, system clock @ 1 MHz (using system clock divider), PLL shut down, CPU running simple executive
code, 4 x ADC conversion every 10 ms, 2 x PWM channels @ 1 kHz, all other modules stopped.
13 Bypass mode, system clock @ 1 MHz (using system clock divider), CPU stopped, PIT running, all other modules
stopped
14 If 1.2V and 3.3V internal regulators are on,then iddreg=70mA
If supply is external that is 3.3V internal regulator is off, then iddreg=15mA
15 Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on
a particular I/O segment, and the voltage of the I/O segment. See Table 21 for values to calculate power dissipation
for specific operation. The total power consumption of an I/O segment is the sum of the individual power
consumptions for each pin on the segment.
16 Absolute value of current, measured at V
IL and VIH
17 Weak pull-up/down inactive. Measured at V
DDE = 3.6 V and VDDEH = 5.25 V. Applies to all digital pad types.
Table 20. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com