Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC667201MMG1 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 14Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 15Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 16Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 17Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 18Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 19Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 20Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 21Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
18
Freescale Semiconductor
Introduction
— Provides temperature of silicon as an analog value
— Read using an internal ADC analog channel
— May be read with either ADC
•
2 decimation filters
— Programmable decimation factor (1 to 16)
— Selectable IIR or FIR filter
— Up to 4th order IIR or 8th order FIR
— Programmable coefficients
— Saturated or non-saturated modes
— Programmable Rounding (Convergent; Two’s Complement; Truncated)
— Prefill mode to precondition the filter before the sample window opens
— Supports Multiple Cascading Decimation Filters to implement more complex filter designs
— Optional Absolute Integrators on the output of Decimation Filters
•
Full duplex synchronous serial interface (SSI) to an external device
— Free-running clock for use by an external device
— Supports a 26-bit message length
•
Priority based queues
— Supports 6 queues with fixed priority. When commands of distinct queues are bound for the same ADC, the higher
priority queue is always served first
— Queue_0 can bypass all prioritization, buffering and abort current conversions to start a Queue_0 conversion a
deterministic time after the queue trigger
— Supports software and hardware trigger modes to arm a particular queue
— Generates interrupt when command coherency is not achieved
•
External hardware triggers
— Supports rising edge, falling edge, high level and low level triggers
— Supports configurable digital filter
1.5.15
Deserial serial peripheral interface (DSPI)
The DSPI block provides a synchronous serial interface for communication between the MPC5642A MCU and external
devices. The DSPI supports pin count reduction through serialization and deserialization of eTPU and eMIOS channels and
memory-mapped registers. The channels and register content are transmitted using a SPI-like protocol. This SPI-like protocol
is completely configurable for baud rate, polarity and phase, frame length, chip select assertion, etc. Each bit in the frame may
be configured to serialize either eTPU channels, eMIOS channels or GPIO signals. The DSPI can be configured to serialize data
to an external device that implements the Microsecond Bus protocol. There are three identical DSPI blocks on the MPC5642A
MCU. The DSPI pins support 5 V logic levels or Low Voltage Differential Signalling (LVDS) to improve high speed operation.
DSPI module features include:
•
Selectable LVDS pads working at 40 MHz for SOUT and SCK pins for DSPI_B and DSPI_C
•
Support for downstream Micro Second Channel (MSC) with Timed Serial Bus (TSB) configuration on DSPI_B and
DSPI_C
•
3 sources of serialized data: eTPU_A, eMIOS output channels, and memory-mapped register in the DSPI
•
4 destinations for deserialized data: eTPU_A and eMIOS input channels, SIU external Interrupt input request,
memory-mapped register in the DSPI
•
32-bit DSI and TSB modes require 32 PCR registers, 32 GPO and GPI registers in the SIU to select either GPIO, eTPU
or eMIOS bits for serialization
•
The DSPI module can generate and check parity in a serial frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com