Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8378E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
© 2008-2012 Freescale Semiconductor, Inc. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required
to permit improvements in the design of its products.
This document provides an overview of the MPC8378E
PowerQUICC II Pro processor features, including a block
diagram showing the major functional components. This
chip is a cost-effective, low-power, highly integrated host
processor that addresses the requirements of several
printing and imaging, consumer, and industrial
applications, including main CPUs and I/O processors in
printing systems, networking switches and line cards,
wireless LANs (WLANs), network access servers (NAS),
VPN routers, intelligent NIC, and industrial controllers.
This chip extends the PowerQUICC family, adding higher
CPU performance, additional functionality, and faster
interfaces while addressing the requirements related to
time-to-market, price, power consumption, and package
size.
1Overview
This chip incorporates the e300c4s core, which includes
32 KB of L1 instruction and data caches and on-chip
memory management units (MMUs). The device offers
two enhanced three-speed 10, 100, 1000 Mbps Ethernet
interfaces, a DDR1/DDR2 SDRAM memory controller, a
flexible, a 32-bit local bus controller, a 32-bit PCI
controller, an optional dedicated security engine, a USB
2.0 dual-role controller, a programmable interrupt
Document Number: MPC8378EEC
Rev. 8, 05/2012
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 6
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 10
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . 13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . 15
6. DDR1 and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . 16
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 23
9. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
11. Enhanced Secure Digital Host Controller (eSDHC)
49
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
13. I
2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
15. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
16. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
17. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
18. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
19. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
20. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 79
21. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 89
22. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
24. System Design Information . . . . . . . . . . . . . . . . . . 121
25. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 123
26. Document Revision History . . . . . . . . . . . . . . . . . . 125
MPC8378E
PowerQUICC II Pro Processor
Hardware Specifications


Similar Part No. - MPC8378E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
MPC8378ECVRAFDA FREESCALE-MPC8378ECVRAFDA Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378ECVRAFFA FREESCALE-MPC8378ECVRAFFA Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378ECVRAFGA FREESCALE-MPC8378ECVRAFGA Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8378E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8308-RDB FREESCALE-MPC8308-RDB Datasheet
349Kb / 2P
MPC8308 PowerQUICC II Pro processor up
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8309 FREESCALE-MPC8309 Datasheet
311Kb / 2P
PowerQUICC II Pro Processor
MPC8377E FREESCALE-MPC8377E_12 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
PowerQUICC II Pro Processor
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com