Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8569E Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Interface
Freescale Semiconductor
56
2.6.3.1.2
GMII Receive AC Timing Specifications
The following table provides the GMII receive AC timing specifications.
The following figure provides the GMII AC test load.
Figure 13. GMII AC Test Load
The following figure shows the GMII receive AC timing diagram.
Figure 14. GMII Receive AC Timing Diagram
2.6.3.2
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
Table 26. GMII Receive AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
RX_CLK clock period
tGRX
7.5
—
—
ns
1
RX_CLK duty cycle
tGRXH/tGRX
35
—
65
%
2
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
—
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0.2
—
—
ns
—
RX_CLK clock rise time (20%–80%)
tGRXR
——
1.0
ns
2
RX_CLK clock fall time (80%–20%)
tGRXF
——
1.0
ns
2
Note:
1. The frequency of RX_CLK should not exceed frequency of gigabit Ethernet reference clock by more than 300 ppm
2. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com