Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4202B Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4202B
Description  2-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4202B Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4202B Datasheet HTML 2Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 3Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 4Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 5Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 6Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 7Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 8Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 9Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE 4202 B
Semiconductor Group
6
1998-02-01
Characteristics
V
S = 13 V; Tj = 25 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min.
typ.
max.
General Data
Quiescent current
Open-loop gain
I
S
G
VO
–
50
15
80
25
–
mA
dB
S = 1
f = 500 Hz
V
S ≤ 7 V ≤ 16 V
T
C = – 40 °C to
110
°C
1
1
Input Characteristics
Input current
(pins I1, I2)
Input current
Input resistance
Input reference
voltage
Input offset
voltage
I
I 1, 7
I
I 2
–
I
I 2
R
I 1, 7
V
I 2
V
I 0
–
–
–
1
1.4
– 20
1
35
230
5
1.7
–
3
70
300
–
2
20
µA
µA
µA
M
Ω
V
mV
V
I 1, 12 = 0
V
I 2 = 0; VI 1, 7 = VS
V
I 2 ≤ VS; VI 1, 7 = 0 V
f
= 1 kHz
I
2 = 0; VI 1, 7 = 0 V
–
2
1
–
1
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com