Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4202B Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4202B
Description  2-A DC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4202B Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4202B Datasheet HTML 1Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 2Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 3Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 4Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 5Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 6Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 7Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 8Page - Siemens Semiconductor Group TLE4202B Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Semiconductor Group
1
1998-02-01
Description
The two power comparators can switch magnets, motors or other loads either by being
separated from each other or by being combined to a full-bridge circuit. The IC is
designed for application in motor vehicles. It can be applied at package temperatures
between – 40
°C and 130 °C.
The IC contains two amplifiers featuring a typical open-loop voltage gain of 80 dB at
500 Hz.
The input stages are PNP differential amplifiers thus resulting in a common-mode input
voltage range from 0 V to approx. the value of
V
S and in a maximum input differential
voltage of
V
S. To obtain low saturation voltages at the sink circuit, the drive circuit of the
sink transistor is connected to the supply voltage. An SOA protective circuit protects the
IC against ground short-circuits. At chip temperatures above approx. 160
°C the source
transistors are turned off.
Type
Ordering Code
Package
TLE 4202 B
Q67000-A8225
P-TO220-7-1
2-A DC Motor Driver
Bipolar IC
Overview
TLE 4202 B
P-TO220-7-1
Features
• Drives motors up to 2 A
• Integrated free-wheeling diodes 2.5 A
• Short-circuit proof to ground
• Overtemperature protection
• Low saturation voltages through bootstrap
• Wide temperature range
• Suitable for applications in automotive engineering


Similar Part No. - TLE4202B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLE4201SI ETC1-TLE4201SI Datasheet
357Kb / 7P
TLE4201SI
logo
Siemens Semiconductor G...
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4203S SIEMENS-TLE4203S Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4204 SIEMENS-TLE4204 Datasheet
257Kb / 9P
3-A MOTOR DRIVER
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
More results

Similar Description - TLE4202B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
DC MOTOR DRIVER (2-CHANNELS)
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
logo
Unisonic Technologies
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
logo
Infineon Technologies A...
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com