Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4263 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLE 4263
Semiconductor Group
5
1998-11-01
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Input
Input voltage
Input current
V
I
I
I
–42
–
45
–
V
–
–
internally limited
Reset Output
Voltage
Current
V
R
I
R
– 0.3
–
42
–
V
–
–
internally limited
Reset Input
Reset threshold
V
RE
– 0.3
6
V
–
Reset Delay
Voltage
Current
V
d
I
d
–0.3
–
42
–
V
–
–
internally limited
Output
Voltage
Current
V
Q
I
Q
–0.3
–
7
–
V
–
–
internally limited
Inhibit
Voltage
V
e
–42
45
V
–
Watchdog
Voltage
V
W
–0.3
6
V
–
Ground
Current
I
GND
–0.5
–
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com