Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TLE 4263
Semiconductor Group
8
1998-11-01
Saturation voltage
V
C
–50
100
mV
V
Q < VRT
Delay switching
threshold
V
dT
1.5
1.7
2.1
V
Switching threshold
V
ST
0.2
0.350.55V
Charge current
I
d
40
60
80
µA–
Delay time
t
d
–2.8
ms
C
d = 100 nF
Delay time
t
t
–2
µs
C
d = 100 nF
Watchdog
Discharge current
I
Cd
4.4
6.25
8.2
µA
V
C = 1.5 V
Switching voltage
V
Cd
1.5
1.7
2.1
V
Pulse time
T
W
–22.5
ms
C
d = 100 nF
Inhibit
Switching voltage
V
e ON
3.5
V
IC turned on
Turn-OFF voltage
V
e OFF
0.8
V
IC turned off
Input current
I
e
510
15
µA
V
e = 5 V
Note: The reset output is low within the range
VQ = 1 V to VRT
Characteristics (cont’d)
V
I = 13.5 V; Tj = 25 °C; Ve > 3.5 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com