Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4267 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4267
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4267 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLE 4267
Semiconductor Group
2
1998-11-01
Design Notes for External Components
The input capacitor
C
I is necessary for compensation line influences. The resonant
circuit consisting of lead inductance and input capacitance can be damped by a resistor
of approx. 1
Ω in series with C
I. The output capacitor is necessary for the stability of the
regulating circuit. Stability is guaranteed at values of
≥ 22 µF and an ESR of ≤ 3 Ω within
the operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturating of the power element.
A comparator in the reset-generator block compares a reference that is independent of
the input voltage to the scaled-down output voltage. If this reaches a value of 4.5 V, the
reset-delay capacitor is discharged and then the reset output is set Low. As the output
voltage increases again, the reset-delay capacitor is charged with constant current from
V
Q = 4.5 V onwards. When the capacitor voltage reaches the upper switching threshold,
reset goes High again. The reset delay can be set within wide range by selection of the
external capacitor.
With the integrated turn-ON/turn-OFF logic it is simple to implement delayed turn-OFF
without external components.
Truth Table for Turn-ON/Turn-OFF Logic
Pin 2: (Inhibit, E2) Enable function, active High
Pin 6: (Hold, E6) Hold and release function, active Low
Pin 2
Pin 6
V
Q
Remarks
L
X
OFF
Initial state, pin 6 internally pulled up
H
X
ON
Regulator switched on via pin 2, by ignition for example
H
L
ON
Pin 6 clamped active to ground by controller while pin 2 is still
high
X
L
ON
Previous state remains, even ignition is shut off: self-holding
state
L
L
ON
Ignition shut off while regulator is in self-holding state
L
H
OFF
Regulator shut down by releasing of pin 6 while pin 2 remains
Low, final state. No active clamping required by external self-
holding circuit (
µC) to keep regulator shut off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com