Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4267 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4267
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4267 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLE 4267
Semiconductor Group
4
1998-11-01
Block Diagram
Absolute Maximum Ratings
T
J = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Input
Voltage
V
I
– 42
42
V
–
Voltage
V
I
–60
V
t
≤ 400 ms
Current
I
I
–
–
–
Limited internally
Reset Output
Voltage
V
R
– 0.3
7
V
–
Current
I
R
–
–
–
Limited internally
Reset Delay
Voltage
V
d
– 0.3
42
V
–
AEB01482
Saturation
Control and
Protection Circuit
Turn-ON/Turn-OFF
Logic
Reset
Generator
Buffer
Control
Amplifier
Sensor
7
5
3
4
6
2
GND
Output
Reset
Delay
Reset
Output
put
In-
1
Temperature
Reference
Bandgap
Adjustment
5V
E6 Hold
Inhibit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com