Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271S Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4271S
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271S Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4271S Datasheet HTML 5Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 6Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 7Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 8Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 9Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 10Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 11Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 12Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TLE 4271
Semiconductor Group
9
1998-11-01
Charge current
I
d
814
25
µA
V
D = 1 V
Watchdog period
t
w
40
55
75
ms
C
D = 100 nF
Watchdog trigger
time
t
wt
30
45
66
ms
C
D = 100 nF
see diagram
Watchdog pulse
slew rate
V
W
5
––
V/
µs from 20% to 80% V
Q
2) Reset peak is always lower than 1.0 V.
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C ≤ Tj = ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com