Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4271S
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4271S Datasheet HTML 1Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 2Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 3Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 4Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 5Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 6Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 7Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 8Page - Siemens Semiconductor Group TLE4271S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
P-TO220-7-11
(P-TO220-7-1)
P-TO263-7-1
(P-TO220-7-8)
P-TO220-7-12
(P-TO220-7-2)
5-V Low-Drop Fixed Voltage Regulator
TLE 4271
Semiconductor Group
1
1998-11-01
Features
• Output voltage tolerance
≤ ± 2%
• Low-drop voltage
• Integrated overtemperature protection
• Reverse polarity protection
• Input voltage up to 42 V
• Overvoltage protection up to 65 V (
≤ 400 ms)
• Short-circuit proof
• Suitable for use in automotive electronics
• Wide temperature range
• Adjustable reset and watchdog time
w Not for new design
Type
Ordering Code
Package
TLE 4271
Q67000-A9210-A901
P-TO220-7-11
TLE 4271 S
Q67000-A9244-A901
P-TO220-7-12
TLE 4271 G Q67006-A9195-A901
P-TO263-7-1
w TLE 4271
Q67000-A9210-C801
P-TO220-7-1
w TLE 4271 S Q67000-A9244-A801
P-TO220-7-2
w TLE 4271 G Q67006-A9195-A801
P-TO220-7-8
Functional Description
This device is a 5-V low-drop fixed-voltage regulator. The maximum input voltage is 42 V
(65 V,
≤ 400 ms). Up to an input voltage of 26 V and for an output current up to 550 mA
it regulates the output voltage within a 2 % accuracy. The short circuit protection limits
the output current of more than 650 mA. The IC can be switched off via the inhibit input.
An integrated watchdog monitors the connected controller. The device incorporates
overvoltage protection and temperature protection that disables the circuit at
unpermissibly high temperatures.


Similar Part No. - TLE4271S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4271 INFINEON-TLE4271 Datasheet
178Kb / 23P
5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2 INFINEON-TLE4271-2 Datasheet
178Kb / 23P
5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2 INFINEON-TLE4271-2 Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2G INFINEON-TLE4271-2G Datasheet
178Kb / 23P
5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2G INFINEON-TLE4271-2G Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
More results

Similar Description - TLE4271S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com