Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2209E Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP2209E Datasheet HTML 4Page - Sipex Corporation SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation SP2209E Datasheet HTML 10Page - Sipex Corporation SP2209E Datasheet HTML 11Page - Sipex Corporation SP2209E Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
8
A
C
3k
Ω
1000pF
VOUT
VIN
TX
+3V
0V
DRIVER
OUTPUT
VOH
VOL
1.5V
1.5V
tPHL
tPLH
tSKEW = | tPHL - tPLH |
DRIVER
INPUT
tF
+3V
0V
-3V
+3V
-3V
tR
Data Transmission Rate > 460kbps, tF<5ns, tR<5ns
A
C
150pF
VOUT
VIN
RX
+3V
-3V
RECEIVER
OUTPUT
VOH
VOL
0V
0V
tPHL
tPLH
tSKEW = | tPHL - tPLH |
RECEIVER
INPUT
tF
80%
50%
20%
80%
20%
tR
Data Transmission Rate > 460kbps, tF<200ns, tR<200ns
Figure 3. Driver Propagation Delay and Transition
Time Test Circuit
Figure 4. Receiver Propagation Delay and Transition
Time Test Circuit
Figure 5. Driver Propagation Delays
Figure 6. Receiver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com