Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2209E Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation SP2209E Datasheet HTML 10Page - Sipex Corporation SP2209E Datasheet HTML 11Page - Sipex Corporation SP2209E Datasheet HTML 12Page - Sipex Corporation SP2209E Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
One receiver in each RS-232 port can be kept
active by a low current, +3.3V to +5V power
supply while the rest of the channels are pow-
ered down. This allows the SP2209E device to
monitor peripheral devices while the rest of the
system is in a power-saving standby mode.
The SP2209E device can be implemented as a
power management device to wake up the entire
system when any communication is initiated in
peripheral devices. The SP2209E device has a
low standby current of 100
µA.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV.
This ensures that the receiver is virtually
immune to noisy transmission lines and inputs
with slow transition times.
Charge Pump
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs.
The charge pump requires two external
capacitors using a two–phase voltage
shifting technique with a 200kHz internal
oscillator to attain a -9V power supply. Refer to
Figure 7 for the internal charge pump circuit.
The internal power supply consists of a charge
pump that provides output voltages of at least
+5V regardless of the input voltage (V
DD). This
is important to maintain compliant RS-232
levels regardless of power supply fluctuations.
A description of each phase follows.
C1
C2
S1
S2
S4
S3
C2-
VDD
VC2- = -VDD
Figure 7. Charge Pump Circuit
Figure 8. Charge Pump Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com