Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP230A Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP230A
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP230A Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP230A Datasheet HTML 5Page - Sipex Corporation SP230A Datasheet HTML 6Page - Sipex Corporation SP230A Datasheet HTML 7Page - Sipex Corporation SP230A Datasheet HTML 8Page - Sipex Corporation SP230A Datasheet HTML 9Page - Sipex Corporation SP230A Datasheet HTML 10Page - Sipex Corporation SP230A Datasheet HTML 11Page - Sipex Corporation SP230A Datasheet HTML 12Page - Sipex Corporation SP230A Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
Figure 4. Mouse Application Drive Capability
10
9
8
7
6
5
4
3
2
1
0
02468
10
12
18
20
IOL/IOH (mA)
16
14
22
VOL vs IOL
VOH vs IOH
Figure 5. Parallel Drivers
T IN
T OUT
Wake-Up Feature
The SP235B, SP236B, SP240B and SP241B
have a wake-up feature that keeps all receivers
in an enabled state when the device is in the
shutdown mode. Table 2 defines the truth table
for the wake-up function. Timing for the wake-up
function is shown in Figure 6.
If the SP235B, SP236B, SP240B and SP241B
are powered up in the shutdown state (SD driven
high during V
CC power up), the part must remain
in a powered on state for a minimum of 3ms
before the wake-up function can be used. After
the 3ms wait time, there is a 2ms delay time
before data is valid for both enable and disable
+5V
0V
+5V
0V
ROUT
SD
POWER-UP WITH SD HIGH (charge pump section in shutdown state)
+5V
0V
+5V
0V
ROUT
SD
POWER-UP WITH SD LOW (charge pump section in active mode)
tWAIT
tENABLE
t0 (power up)
t0 (power up)
+5V
0V
+5V
0V
ROUT
SD
EXERCISING WAKE–UP FEATURE
t0 (power up)
DATA
VALID
tWAIT
DATA
VALID
DATA
VALID
DATA
VALID
DATA
VALID
tENABLE
tENABLE
tENABLE
SPECIFICATIONS:
(VCC =+5V±10%, TA=25°C)
PARAMETER
MIN.
TYP.
MAX.
tWAIT
2ms
3ms
tENABLE
1ms
2ms
Figure 6. Wake–Up and Shutdown Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com