Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP230A Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP230A
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP230A Datasheet(HTML) 5 Page - Sipex Corporation

  SP230A Datasheet HTML 1Page - Sipex Corporation SP230A Datasheet HTML 2Page - Sipex Corporation SP230A Datasheet HTML 3Page - Sipex Corporation SP230A Datasheet HTML 4Page - Sipex Corporation SP230A Datasheet HTML 5Page - Sipex Corporation SP230A Datasheet HTML 6Page - Sipex Corporation SP230A Datasheet HTML 7Page - Sipex Corporation SP230A Datasheet HTML 8Page - Sipex Corporation SP230A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
Receiver Output Enable/Disable Times
Disable
5V
0V
5V
0V
EN IN
R
OUT
Enable
5V
0V
5V
0V
EN IN
R
OUT
PINOUT
T OUT
R IN
R OUT
T IN
T OUT
T IN
T IN
R OUT
R IN
V-
C -
C +
T OUT
T OUT
R IN
R OUT
T IN
R OUT
R IN
GND
V
C +
V+
C -
3
2
CC
1
2
1
1
1
3
2
3
2
2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
2
1
1
4
4
4
3
4
T OUT
R IN
R OUT
T IN
T OUT
T IN
T IN
R OUT
R IN
V-
C -
C +
T OUT
T OUT
T OUT
R IN
R OUT
T IN
T IN
GND
V
C +
V+
C -
4
3
CC
1
2
2
1
1
2
3
4
2
2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
1
1
5
3
3
2
5
T OUT
R IN
R OUT
SHUTDOWN (SD)
EN
R IN
R OUT
T IN
T IN
R OUT
R IN
V-
C -
C +
T OUT
T OUT
T OUT
R IN
R OUT
T IN
T IN
R OUT
R IN
GND
V
C +
V+
C -
1
1
CC
1
2
4
2
5
3
2
2
3
4
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
1
1
2
2
5
3
4
4
N.C.
N.C.
N.C.
V–
C2–
C2+
C1–
V+
C1+
N.C.
N.C.
N.C.
T5IN
R3OUT
R3IN
T4OUT
T3OUT
T1OUT
T2OUT
N.C.
R2IN
N.C.
SP240A/B
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
T OUT
R IN
R OUT
SHUTDOWN (SD)
EN
R IN
R OUT
T IN
T IN
R OUT
R IN
V-
C -
C +
T OUT
T OUT
T OUT
R IN
R OUT
T IN
T IN
R OUT
R IN
GND
V
C +
V+
C -
1
1
CC
1
2
4
2
5
3
2
2
3
4
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
1
1
2
2
5
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com