Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71869AD Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F71869AD
Description  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F71869AD Datasheet HTML 1Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 2Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 3Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 4Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 5Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 6Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 7Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 8Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
Oct., 2011
V0.19P
2
F71869A
F71869A Datasheet Revision History
Version
Date
Page
Revision History
0.10P
2010/04
Preliminary version
0.11P
2010/05
45, 46
47-136
1. Update CIR/CPT function description
2. Update Register
0.12P
2010/06
19
47, 48
65, 66
142-144
10-20
70
90, 91
60, 61
10
140
13, 21
56
74
129, 130
132
133
148
1. Modify pin54 description
2. Add scan code and OVT function description
3. Update RS485 enable register description
⎯ Index F0h
4. DC Characteristics
5. Update Pin Description
6. Update OVT register
⎯ Index 02h
7. Update Fan3 control register
⎯ Index 9Ah
8. Add Multi-Function Select Register 5
⎯ Index 2Ch
9. Correct Pin Type
10. Add Intel DSW Delay Select Register
⎯ Index FCh
11. Update STRAP_PROTECT description
12. Update Configuration Port Select Register
⎯ Index 27h
13. Add Voltage Protection Power Good Select Register
⎯ Index 3Fh
14. Add CIR Registers (CR08)
15. Update ERP PSOUT deb-register
⎯ Index E5h;
ERP S5 Delay Register
⎯ Index E7h
16. Update ERP WDT Timer
⎯ Index EEh
17. Update Application Circuit
⎯ S5# (S4#) , SUS_ACK# (3VA)
0.13P
2010/07
147
1. Update Application Circuit – Correct VIN5 pin name
0.14P
2010/08
50
13, 21
8, 12, 47
52
56
58~62
59
60
61, 62
122~126
135
1. Update Global Control Registers
2. Modify description for STRAP_PROTECT
3. Update GPIO for Scan Code function
4. Update GPIO Device Configuration Registers (LDN CR06)
5. Update UART IRQ Sharing Register
⎯ Index 26h bit 3
6. Update Multi-Function Select Register 1 ~ 5
⎯ Index 28h ~ 2Ch
7. Add WDT Clock Divisor High Byte
⎯ Index 29h
8. Add WDT Clock Divisor Low Byte
⎯ Index 2Ah
9. Add WDT Clock Fine Tune Count
⎯ Index 2Bh, 2Ch
10. Update GPIO 35 ~ 37 Scan Code Function Registers
11. Update ERP WDT Control register
⎯ Index EDh
0.15P
2010/08
Update for LAB version
0.16P
2010/09
12-13
12-21
131
77
140
19
121
112
139-140
150
1. Correct FDC/GPIO PWR Type
2. Correct PWR Type VCC to 3VCC
3. Add WDT Enable Register 30h and Base Address High/Low Register
60h and 61h
4. Add 2D – 2Fh in Voltage reading and limit register
5. Remove PCIRSTIN_N in VDDOK Delay Register
⎯ Index F5h bit 2
6. Correct RSTCON# pin description
7. Update GPIO4 Drive Enable Register -Index B3h bit 5~7
8. Add Auto Swap Register - Index FEh (Powered by VBAT) bit 3
9. Correct VDDOK Delay Register - Index F5h PWROK unit
10. Update Reference Circuit – Add C58
0.17P
2011/03
64
77
60
127
1. Made Clarification & Modification
2. Update Wakeup Control Register - Index 2Dh bit5 description
3. Add Voltage reading and limit - Index 30h, 31h
4. Modify Multi-Function Select Register 3
⎯ Index 2Ah bit 1:0
5. Modify GPIO5 KBC Emulation Control Register 2
⎯ Index AFh bit7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com