Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3222 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3222
Description  3.3V, 460 Kbps RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3222 Datasheet HTML 1Page - Sipex Corporation SP3222 Datasheet HTML 2Page - Sipex Corporation SP3222 Datasheet HTML 3Page - Sipex Corporation SP3222 Datasheet HTML 4Page - Sipex Corporation SP3222 Datasheet HTML 5Page - Sipex Corporation SP3222 Datasheet HTML 6Page - Sipex Corporation SP3222 Datasheet HTML 7Page - Sipex Corporation SP3222 Datasheet HTML 8Page - Sipex Corporation SP3222 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Date: 06/22/04
SP3222EH/3232EH 3.3V, 460 Kbps RS-232 Transceivers
© Copyright 2004 Sipex Corporation
1
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH/3232EH
DESCRIPTION
FEATURES
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with RS-232 down to +2.7V
power source
■ 1µA Low-Power Shutdown with Receivers
Active (SP3222EH)
■ Enhanced ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
■ 460Kbps Minimum Transmission Rate
■ Ideal for Handheld, Battery Operated
Applications
The SP3222EH and the 3232EH are 2 driver/2 receiver RS-232 transceiver solutions
intended for portable or hand-held applications such as notebook or palmtop computers.
Their data transmission rate of 460Kbps meeting the demands of high speed RS-232
applications. Both ICS have a high-efficiency, charge-pump power supply that requires only
0.1µF capacitors for 3.3V operation. The charge pump allows the SP3222EH and the 3232EH
series to deliver true RS-232 performance from a single power supply ranging from +3.3V
to +5.0V. The ESD tolerance of the SP3222EH/3232EH devices exceeds +15kV for both
Human Body Model and IEC1000-4-2 Air discharge test methods.
The SP3222EH device has a low-power shutdown mode where the devices' driver outputs
and charge pumps are disabled. During shutdown, the supply current is less than 1µA.
SELECTION TABLE
L
E
D
O
Ms
e
i
l
p
p
u
S
r
e
w
o
P
2
3
2
-
S
R
s
r
e
v
i
r
D
2
3
2
-
S
R
s
r
e
v
i
e
c
e
R
l
a
n
r
e
t
x
E
s
t
n
e
n
o
p
m
o
C
n
w
o
d
t
u
h
S
L
T
T
e
t
a
t
S
-
3
f
o
.
o
N
s
n
i
P
H
E
2
2
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
s
e
Ys
e
Y0
2
,
8
1
H
E
2
3
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
o
No
N6
1
®
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
R2IN
GND
VCC
T1OUT
T2IN
8
9
SP3232EH
T1IN
R1OUT
R2OUT
T2OUT
Now Available in Lead Free Packaging


Similar Part No. - SP3222

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3222 SIPEX-SP3222 Datasheet
212Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3222 SIPEX-SP3222 Datasheet
207Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Littelfuse
SP3222 LITTELFUSE-SP3222 Datasheet
959Kb / 5P
SP3222 0.9pF 30kV dual channel TVS
2020 Littelfuse, Inc.
SP3222-02ETG LITTELFUSE-SP3222-02ETG Datasheet
959Kb / 5P
SP3222 0.9pF 30kV dual channel TVS
2020 Littelfuse, Inc.
More results

Similar Description - SP3222

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
3.3V, 460 Kbps RS-232 Transceivers
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com