Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3222 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3222
Description  3.3V, 460 Kbps RS-232 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3222 Datasheet HTML 11Page - Sipex Corporation SP3222 Datasheet HTML 12Page - Sipex Corporation SP3222 Datasheet HTML 13Page - Sipex Corporation SP3222 Datasheet HTML 14Page - Sipex Corporation SP3222 Datasheet HTML 15Page - Sipex Corporation SP3222 Datasheet HTML 16Page - Sipex Corporation SP3222 Datasheet HTML 17Page - Sipex Corporation SP3222 Datasheet HTML 18Page - Sipex Corporation SP3222 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Date: 06/22/04
SP3222EH/3232EH 3.3V, 460 Kbps RS-232 Transceivers
© Copyright 2004 Sipex Corporation
19
Part Number
Temperature Range
Package Type
SP3222EHCA .......................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222EHCA/TR .................................... 0˚C to +70˚C .......................................... 20-Pin SSOP
SP3222EHEA ......................................... -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EHEA/TR .................................... -40˚C to +85˚C ........................................ 20-Pin SSOP
SP3222EHCP .......................................... 0˚C to +70˚C ............................................ 18-Pin PDIP
SP3222EHEP ......................................... -40˚C to +85˚C .......................................... 18-Pin PDIP
SP3222EHCT .......................................... 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222EHCT/TR ..................................... 0˚C to +70˚C ........................................ 18-Pin WSOIC
SP3222EHET .......................................... -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EHET/TR .................................... -40˚C to +85˚C ...................................... 18-Pin WSOIC
SP3222EHCY .......................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EHCY/TR .................................... 0˚C to +70˚C ........................................ 20-Pin TSSOP
SP3222EHEY ......................................... -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3222EHEY/TR .................................... -40˚C to +85˚C ...................................... 20-Pin TSSOP
SP3232EHCA .......................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232EHCA/TR .................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3232EHEA ......................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EHEA/TR .................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3232EHCP .......................................... 0˚C to +70˚C ............................................ 16-Pin PDIP
SP3232EHEP ......................................... -40˚C to +85˚C .......................................... 16-Pin PDIP
SP3232EHCT .......................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232EHCT/TR ..................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3232EHET .......................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EHET/TR .................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3232EHCY .......................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EHCY/TR .................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3232EHEY ......................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3232EHEY/TR .................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3232EHEY/TR = standard; SP3232EHEY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC, SSOP and TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com