Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6120 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6120 Datasheet HTML 1Page - Sipex Corporation SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
BLOCK DIAGRAM
APPLICATION SCHEMATIC
Figure 1. Schematic 3.3V to 1.9V Power Supply
QT, QB = FAIRCHILD FDS6690A
L1 = PANASONIC ETQP6F2R5SFA
DS = STMICROELECTRONICS STPS2L25U
+
-
+
-
-
+
-
+
-
+
-
+
-
+
+
-
Synchronous
Driver
Driver
Logic
Soft Start
& Hiccup Logic
S
Q
R
Set Dominant
Fault Latch
S
Q
R
Program
Logic
Window
Comparator
Logic
+
-
TOFF
ENABLE
GND
VFB
COMP
VCC
ISP
ISN
Reference
SS
2.85 VON
2.75 VOFF
430mV
3
4
2
13
5
6
10
SS
2V
VFB 3% Low ENABLE
VFB
1.25V
GM
Error Amplifier
VFB
Zero crossing detect
250mV
SS
7
ICHARGE
0.65V
12
8
PGND
ROSC
11
14
15
16
9
Continuous/
Discontinuous
NFET/PFET
ON 100%
OFF 100%
RESET
Dominant
PWM Latch
QPWM
FAULT
F (kHz) = 5.7E6/ROSC (Ω)
+
-
10µs
OVC
UVLO
1V RAMP
3%
3%
- +
PROG
BST
GH
SWN
-
+
GL
x 10
C
IN = SANYO 6TPB330M
C
OUT = SANYO 4TPB470M
SP6120
NC
ENABLE
ISP
ISN
VFB
COMP
SS
ROSC
BST
GH
SWN
GND
PGND
GL
VCC
PROG
®
®
NMOS High Side Drive
PROG = GND
ENABLE
CP
100pF
CZ
4.7nF
RZ
15k
CSS
0.33µF
ROSC
18.7k
CVCC
2.2µF
VIN
MBR0530
CBST
1µF
QT
3.3V
VIN
CIN
330µF x 2
RS
22.1k
CS
39nF
L1
2.5µH
1.9V
1A to 8A
VOUT
RF
5.23k
COUT
470µF x 3
RI
10k
QB
DS
CB
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com