Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6120 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation SP6120 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
50
60
70
80
90
100
02
46
Output Current (A)
810
Figure 2. Efficiency vs. Output Current
Figure 3. Load Regulation
Figure 4. Load Step Response: 0.4A to 2A
Figure 5. Load Step Response: 0.4A to 7A
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to circuit in Figure 1 with V
IN = 3.3V; VOUT = 1.9V, ROSC = 18.7kΩ, and TAMB = +25°C unless otherwise noted.
Figure 6. Start-Up Response: 5A Load
1.875
1.880
1.885
1.890
1.895
1.900
1.905
1.910
1.915
1.920
1.925
01
23
45
Load Current (A)
VOUT
Gate High
IOUT(1A/div)
VOUT
Gate High
IOUT(5A/div)
VOUT
VIN
Soft Start
IIN (1A/div)
Figure 7. Overcurrent: 9A Load
VOUT
VIN
Soft Start
IOUT (5A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com