Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP791 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP791
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP791 Datasheet HTML 8Page - Sipex Corporation SP791 Datasheet HTML 9Page - Sipex Corporation SP791 Datasheet HTML 10Page - Sipex Corporation SP791 Datasheet HTML 11Page - Sipex Corporation SP791 Datasheet HTML 12Page - Sipex Corporation SP791 Datasheet HTML 13Page - Sipex Corporation SP791 Datasheet HTML 14Page - Sipex Corporation SP791 Datasheet HTML 15Page - Sipex Corporation SP791 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
12
POWER-FAIL INPUT
The Power-Fail Input (PFI) has a guaranteed
input leakage of +/-25nA max over temperature.
The typical comparator delay is 15
µs from VIL
to VOL (power failing), and 55
µs from VIH to
VOH (power being restored). Connect PFI to
ground if not used.
POWER-FAIL OUTPUT
The Power-Fail Output (PFO) goes low when
PFI falls below 1.25V. It sinks 3.2mA with a
saturation voltage of 0.1V. With PFI above
1.25V, PFO is actively pulled to VOUT. Con-
necting PFI through a voltage divider to an un-
regulated supply allows PFO to generate an NMI
as the unregulated power begins to fall (see
Figure 9b).
LOWLINE OUTPUT
The low-line comparator monitors VCC with a
typical threshold voltage 150mV above the re-
set threshold and has 15mV of hysteresis.
LOWLINE typically sinks 3.2mA at 0.1V. For
normal operation (Vcc above the LOWLINE
threshold), LOWLINE is pulled to VOUT. If ac-
cess to the unregulated supply is unavailable,
use LOWLINE to provide a nonmaskable in-
terrupt (NMI) to the
µP as shown in Figure 9a.
POWER-FAIL COMPARATOR
The power-fail comparator is an uncommitted
comparator that has no effect on the other func-
tions of the SP791. Common uses include moni-
toring supplies other than 5V (see the Typical
Operating Circuit and the Monitoring a Nega-
tive Voltage section) and early power-fail de-
tection when the unregulated power is easily ac-
cessible as shown in Figure 9b.
Figure 9. a) If the unregulated supply is inaccessible, LOWLINE generates the NMI for the
µP.
b) Use PFO to generate the
µP NMI if the unregulated supply is accessible.
FROM
REGULATED
SUPPLY
0.1
µF
3
2
1
15
10
11
0.1
µF
3.0V
4
POWER TO
CMOS RAM
µP
RESET
RESET
NMI
LOWLINE
I/O LINE
WDI
GND
VBATT
V OUT
Vcc
Corporation
UNREGULATED
SUPPLY
a.)
b.)
µP POWER
3
2
1
15
6
11
0.1
µF
3.0V
4
POWER TO
CMOS RAM
µP
RESET
RESET
NMI
PFO
I/O LINE
WDI
GND
VBATT
V OUT
Vcc
Corporation
µP POWER
PFI
7
0.1
µF
VOLTAGE
REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com