Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP791 Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP791
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791 Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP791 Datasheet HTML 11Page - Sipex Corporation SP791 Datasheet HTML 12Page - Sipex Corporation SP791 Datasheet HTML 13Page - Sipex Corporation SP791 Datasheet HTML 14Page - Sipex Corporation SP791 Datasheet HTML 15Page - Sipex Corporation SP791 Datasheet HTML 16Page - Sipex Corporation SP791 Datasheet HTML 17Page - Sipex Corporation SP791 Datasheet HTML 18Page - Sipex Corporation SP791 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
Leakage current through the capacitor charging
diode and the SP791 internal power diode even-
tually discharges the capacitor to VCC. Also, if
VCC and VBATT start from 0.5V above the reset
threshold and power is lost at VCC, the capacitor
on VBATT discharges through VCC until VBATT
reaches the reset threshold; the SP791 then
switches to battery-backup mode.
USING SEPARATE POWER SUPPLIES
FOR VBATT AND VCC
If using separate power supplies for VCC and
VBATT, VBATT must be less than 0.3V above VCC
when VCC is above the reset threshold. As
described in the previous section, if VBATT ex-
ceeds this limit and power is lost at VCC, current
flows continuously from VBATT to VCC via the
VBATT-to-VOUT diode and the VOUT-to-VCC
switch until the circuit is broken.
ALTERNATIVE CHIP-ENABLE GATING
Using memory devices with CE and CE inputs
allows the SP791 CE loop to be bypassed. To do
this, connect CE IN to ground, pull up CE OUT
to VOUT, and connect CE OUT to the CE input
of each memory device as shown in Figure 13.
The CE input of each part then connects directly
to the chip-select logic, which does not have to
be gated by the SP791.
ADDING HYSTERESIS TO THE
POWER-FAIL COMPARATOR
Hysteresis adds a noise margin to the power-fail
comparator and prevents repeated triggering of
PFO when VIN is near the trip point. Figure 14
shows how to add hysteresis to the power-fail
comparator. Select the ratio of R1 to R2 such
that PFI sees 1.25V when VIN falls to the de-
sired trip point (VTRIP). Resistor R3 adds hys-
teresis. It will typically be an order of magni-
tude greater than R1 or R2. The current through
R1 and R2 should be at least 1
µA to ensure that
the 25nA (max) PFI input current does not shift
the trip point. R3 should be larger than 10k
Ω to
prevent it from loading down the PFO pin. Ca-
pacitor C1 adds additional noise rejection.
MONITORING A NEGATIVE VOLTAGE
The power-fail comparator can be used to moni-
tor a negative supply voltage using the circuit
shown in Figure 15. When the negative supply
is valid, PFO is low. When the negative supply
voltage drops, PFO goes high. This circuit's ac-
curacy is affected by the PFI threshold tolerance,
the VCC voltage, and resistors R1 and R2.
BACKUP-BATTERY REPLACEMENT
The backup battery may be disconnected while
VCC is above the reset threshold. No precautions
are necessary to avoid spurious reset pulses.
Figure 14. Adding Hysteresis to the Power-Fail Comparator
Figure 13. Alternate CE Gating
Corporation
CE IN
CE OUT
VOUT
GND
CE
CE
CE
CE
CE
CE
CE
CE
Rp
*
* MAXIMUM Rp VALUE DEPENDS ON
THE NUMBER OF RAM DEVICES.
MINIMUM Rp VALUE IS 1K
Ω
ACTIVE-HIGH CE
LINES FROM LOGIC
RAM 1
RAM 2
RAM 3
RAM 4
VIN
R1
R2
R3
C1*
+5V
PFI
PFO
GND
TO
µP
+5V
PFO
OV
OV
* OPTIONAL FOR ADDITIONAL
NOISE REJECTION
VLVTRIPVH
R1 + R2
R2
(
)
R2 II R3
R1 + R2 II R3
(
) VL - 1.25 5 - 1.25 1.25
R1
R3
R2
Corporation
Vcc
VH = 1.25
VTRIP = 1.25 *
VIN
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com