Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8121 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8121
Description  Monolithic, 12-Bit Data Acquisition System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8121 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP8121 Datasheet HTML 4Page - Sipex Corporation SP8121 Datasheet HTML 5Page - Sipex Corporation SP8121 Datasheet HTML 6Page - Sipex Corporation SP8121 Datasheet HTML 7Page - Sipex Corporation SP8121 Datasheet HTML 8Page - Sipex Corporation SP8121 Datasheet HTML 9Page - Sipex Corporation SP8121 Datasheet HTML 10Page - Sipex Corporation SP8121 Datasheet HTML 11Page - Sipex Corporation SP8121 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SP8121DS/02
SP8121 Monolithic, 12-Bit Data Acquisition System
© Copyright 2000 Sipex Corporation
8
R/C
STATUS
DB11 - DB0
tHRH
tC
DATA VALID
tHDR
tDDR
tDS
HIGH–Z
HIGH–Z
HIGH PULSE FOR R/C DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
t
HRH
High R/C Pulse Width
25
ns
t
DS
STATUS Delay from R/C
200
ns
t
C
Conversion Time
13
25
µsT
MIN to TMAX
t
DDR
Data Access Time
150
ns
t
HDR
Data Valid after R/C Low
25
ns
Figure 5. High Pulse for R/C — Outputs Enabled While R/C is High, Otherwise High Impedance
Figure 6. Low Pulse for R/C
R/C
STATUS
DB11 - DB0
tHRL
tC
DATA VALID
DATA VALID
tMDH
tDS
tHDR
tHS
MA0 - MA2
tMDS
LOW PULSE FOR R/C DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
t
HRL
Low R/C Pulse Width
50
ns
t
DS
Status Delay from R/C
200
ns
t
HDR
Data Valid after R/C
25
ns
t
HS
Status Delay after Data Valid 500
ns
t
MDS
MUX Data Setup
50
ns
t
MDH
MUX Data Valid
3
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com