Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8121 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP8121
Description  Monolithic, 12-Bit Data Acquisition System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8121 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP8121 Datasheet HTML 3Page - Sipex Corporation SP8121 Datasheet HTML 4Page - Sipex Corporation SP8121 Datasheet HTML 5Page - Sipex Corporation SP8121 Datasheet HTML 6Page - Sipex Corporation SP8121 Datasheet HTML 7Page - Sipex Corporation SP8121 Datasheet HTML 8Page - Sipex Corporation SP8121 Datasheet HTML 9Page - Sipex Corporation SP8121 Datasheet HTML 10Page - Sipex Corporation SP8121 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SP8121DS/02
SP8121 Monolithic, 12-Bit Data Acquisition System
© Copyright 2000 Sipex Corporation
7
READ MODE DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
t
SRR
R/C to CE Setup
0
0
ns
t
HRR
R/C High after CE Low
0
50
ns
t
HD
Data Valid after CE Low
25
ns
t
DD
Access Time from CE
150
ns
t
HL
Output Float Delay
150
ns
CONVERT MODE DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
t
HEC CE Pulse Width
50
ns
t
SRC R/C to CE Setup
50
ns
t
HRC
R/C Low during CE High
50
ns
t
DSC
Status Delay from CE
200
ns
Figure 3. Convert Mode Timing
R/C
STATUS
DB11 - DB0
CE
tSRR
HIGH IMPEDANCE
tHRR
DATA VALID
tDD
tHD
tHL
Figure 4. Read Mode Timing
R/C
STATUS
DB11 - DB0
tC
CE
tSRC
tHEC
HIGH IMPEDANCE
tHRC
tDSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com