Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33982 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Address 1110—Under-voltage/Over-voltage Register
(UOVR)
The UOVR register can be used to disable or enable the
over-voltage and/or under-voltage protection. By default ([0]),
both protections are active. When disabled, an under-voltage
or over-voltage condition fault will not be reported in bits D1
and D0 of the output fault register.
Address x111—TEST
The TEST register is reserved for test and is not
accessible with SPI during normal operation.
SERIAL OUTPUT COMMUNICATION (DEVICE
STATUS RETURN DATA)
When the CS pin is pulled low, the output status register is
loaded. Meanwhile, the data is clocked out MSB- (OD7-) first
as the new message data is clocked into the SI pin. The first
eight bits of data clocking out of the SO, and following a CS
transition, are dependant upon the previously written SPI
word.
Any bits clocked out of the SO pin after the first eight will
be representative of the initial message bits clocked into the
SI pin since the CS pin first transitioned to a Logic [0]. This
feature is useful for daisy chaining devices as well as
message verification.
A valid message length is determined following a CS
transition of Logic [0] to Logic [1]. If there is a valid message
length, the data is latched into the appropriate registers. A
valid message length is a multiple of eight bits. At this time,
the SO pin is tri-stated and the fault status register is now
able to accept new fault status information.
The output status register correctly reflects the status of
the STATR-selected register data at the time the CS is pulled
to a Logic [0] during SPI communication and/or for the period
of time since the last valid SPI communication, with the
following exceptions:
• The previous SPI communication was determined to be
invalid. In this case, the status will be reported as
though the invalid SPI communication never occurred.
• Battery transients below 6.0 V resulting in an under-
voltage shutdown of the outputs may result in incorrect
data loaded into the status register. The SO data
transmitted to the MCU during the first SPI
communication following an under-voltage VPWR
condition should be ignored.
• The RST pin transition from a Logic [0] to Logic [1] while
the WAKE pin is at Logic [0] may result in incorrect data
loaded into the status register. The SO data transmitted
to the MCU during the first SPI communication following
this condition should be ignored.
SERIAL OUTPUT BIT ASSIGNMENT
The eight bits of serial output data depend on the previous
serial input message, as explained in the following
paragraphs. Table 16 summarizes the SO register content.
Bit OD7 reflects the state of the watchdog bit (D7)
addressed during the prior communication. The contents of
bits OD6:OD0 depend upon the bits D2:D0 from the most
recent STATR command SOA2:SOA0.
Previous Address SOA[2:0]=000
If the previous three MSBs are 000, bits OD6:OD0 reflect
the current state of the Fault register (FLTR) (Table 17).
Previous Address SOA[2:0]=001
The data in bits OD1 and OD0 contain CSNS EN and
IN_SPI programmed bits, respectively.
Table 16. Serial Output Bit Map Descriptions
Previous STATR
D7, D2, D1, D0
Serial Output Returned Data
SOA3
SOA2
SOA1
SOA0
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
x
0
0
0
WDin
OTF
OCHF
OCLF
OLF
UVF
OVF
FAULT
x
0
0
1
WDin
0
0
1
0
0
CSNS EN
IN_SPI
x
0
1
0
WDin
0
1
0
SOCH
SOCL2
SOCL1
SOCL0
x
0
1
1
WDin
0
1
1
OL_dis
CD_dis
OCLT1
OCLT0
x
1
0
0
WDin
1
0
0
Fast SR
CSNS high
IN dis
A/O
0
1
0
1
0
1
0
1
FSM_HS
OSD2
OSD1
OSD0
1
1
0
1
1
1
0
1
0
WDTO
WD1
WD0
0
1
1
0
0
1
1
0
0
IN Pin
FSI Pin
WAKE Pin
1
1
1
0
1
1
1
0
0
1110
UV_dis
OV_dis
x
1
1
1
WDin
–
–
–
See Table 1
–
–
–
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com