Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33982 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Previous Address SOA[2:0]=010
The data in bit OD3 contain the programmed over-current
high detection level (refer to Table 12), and the data in bits
OD2, OD1, and OD0 contain the programmed over-current
low detection levels (refer to Table 11).
Previous Address SOA[2:0]=011
The data returned in bits OD1 and OD0 are current values
for the over-current fault blanking time, illustrated in Table 13.
Bit OD2 reports when the over-current detection timeout
feature is active. OD3 reports whether the open load circuitry
is active.
Previous Address SOA[2:0]=100
The returned data contain the programmed values in the
DICR.
Previous Address SOA[2:0]=101
• SOA3 = 0. The returned data contain the programmed
values in the OSDR. Bit OD3 (FSM_HS) reflects the state
of the output in the Fail-safe mode after a watchdog
timeout occurs.
• SOA3 = 1. The returned data contain the programmed
values in the WDR. Bit OD2 (WDTO) reflects the status of
the watchdog circuitry. If WDTO bit is Logic [1], the
watchdog has timed out and the device is in Fail-safe
mode. If WDTO is Logic [0], the device is in Normal mode
(assuming device is powered and not in the Sleep mode),
with the watchdog either enabled or disabled.
Previous Address SOA[2:0]=110
• SOA3 = 0. OD2, OD1, and OD0 return the state of the IN,
FSI, and WAKE pins, respectively (Table 18).
• SOA3 = 1. The returned data contains the programmed
values in the UOVR register. Bit OD1 reflects the state of
the under-voltage protection, while bit OD0 reflects the
state of the over-voltage protection (refer to Table 16).
Previous Address SOA[2:0]=111
Null Data. No previous register Read Back command
received, so bits OD2, OD1, and OD0 are null, or 000.
Table 17. Fault Register
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
x
OTF
OCHF
OCLF
OLF
UVF
OVF
FAULT
OD7 (x) = Don’t care.
OD6 (OTF) = Over-temperature Flag.
OD5 (OCHF) = Over-current High Flag. (This fault is latched.)
OD4 (OCLF) = Over-current Low Flag. (This fault is latched.)
OD3 (OLF) = Open Load Flag.
OD2 (UVF) = Under-voltage Flag. (This fault is latched or not
latched.)
OD1 (OVF) = Over-voltage Flag.
OD0 (FAULT) = This flag reports a fault and is reset by a read
operation.
Note
The FS pin reports a fault and is reset by a new Switch-ON
command (via SPI or direct input IN).
Table 18. Pin Register
OD2
OD1
OD0
IN Pin
FSI Pin
WAKE Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com