Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1004 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1004
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Date: 5/25/04
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
SPX1004
FEATURES
■ Initial Voltage Tolerance:
SPX1004-1.2 = ±4mV
SPX1004-2.5 = ±20mV
■ Low Dynamic Impedance
0.6 Ω Max.
■ Low Operating Current:
SPX1004-1.2 = ±10µA
SPX1004-2.5 = ±20µA
■ Wide Operating Current Range
10µA to 20mA
■ Direct Replacement for LT1004,
LM1004 and AS1004
®
APPLICATIONS
■ A/D and D/A Reference
■ Reference for 5V Systems
■ Digital Voltmeter
■ Power Supply Monitor
BLOCK DIAGRAMS
1.2V / 2.5V Micropower Voltage Reference
Figure 1a. SPX1004-1.2 Block Diagram
Figure 1b. SPX1004-2.5 Block Diagram
1.235V
+
-
Cathode (K)
Anode (A)
+
-
Cathode (K)
Anode (A)
1.250V
500k
500k
The SPX1004 is a 2-terminal bandgap precision voltage reference that provides a stable
fixed output voltage of 1.2V and 2.5V with a tolerance of ±4mV for SPX1004-1.2 and ±20mV
for SPX1004-2.5. Design, process and precision on chip trimming yield a very low tempera-
ture coefficient of 25 ppm/°C.
The SPX1004 can be used as a pin-to-pin replacement for the LT1004, LM1004 or AS1004.
The SPX1004 is available in SOT-89, SOIC-8 and TO-92 packages over the operating
temperature range of 0°C to 70°C.
DESCRIPTION
1
2
3
4
5
6
7
8
N/C
SPX1004
8 Pin nSOIC
CATHODE
N/C
N/C
N/C
ANODE
ANODE
CATHODE
Now Available in Lead Free Packaging


Similar Part No. - SPX1004

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
SPX1004AM1-1-2 SIPEX-SPX1004AM1-1-2 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
SPX1004AM1-1-2/TR SIPEX-SPX1004AM1-1-2/TR Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
SPX1004AM1-L-1-2 SIPEX-SPX1004AM1-L-1-2 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
More results

Similar Description - SPX1004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com