Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1004 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1004
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Date: 5/25/04
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
APPLICATION CIRCUITS
Figure 11. Variable Output Regulator
Figure 12. High Stability 5V Regulator
Figure 13. Low Battery Detector
Figure 14. Micropower 10V Reference
Figure 9a. 1.2V Reference, Figure 9b. 2.5V Reference
Figure 10. Low Noise Reference
VIN
3kΩ
SPX1004-1.2V
OUT
VIN
100kΩ
SPX1004-2.5V
OUT
VIN
100k
SPX1004-2.5V
OUT
22Ω
50µF
SPX1004-2.5V
OUT
200Ω
10µF
0.1µF
Adj
LM317
5k
+
R ≤ V
- – 1V
0.015mA
VIN
VIN
VOUT
VIN > 8V
SPX1004-2.5V
5V OUT
976Ω, 1%
VIN
VOUT
Adj
LM338
22µF
+
324Ω, 1%
LO = Battery Low
SPX1004-1.2
150pF
500k
86.7k
12V
+
–
500k
SPX1004-1.2
150pF
1M
3.5M
+
–
500k
LM4250
3
2
7
6
8
22M
VIN = 12V to 20V
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com