Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1083 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1083
Description  8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1083 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1083 Datasheet HTML 1Page - Sipex Corporation SPX1083 Datasheet HTML 2Page - Sipex Corporation SPX1083 Datasheet HTML 3Page - Sipex Corporation SPX1083 Datasheet HTML 4Page - Sipex Corporation SPX1083 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. 10/23/00
SPX1083
ABSOLUTE MAXIMUM RATINGS
Power Dissipation..........................................Internally Limited
Input Supply Voltage ...................................................... 30V
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Input to Output Voltage Differential ............................... 30V
Storage Temperature Range ............................ -65° to +150°C
Operating Junction Temperature Range
SPX1083 Control Section..........................0C° to +125°C
SPX1083 Power Transistor........................0C° to +150°C
ELECTRICAL CHARACTERISTICS (Note 1) at IOUT = 10mA, TA = 25°C, unless otherwise specified.
Parameter
Conditions
SPX1083A
SPX1083
Units
Typ
Min
Max
Min
Max
3.3V Version
Output Voltage (Note 2)
SPX1083-3.3V, 0
≤IOUT≤8A,
4.75V
≤VIN≤25V
3.3
3.3
3.270
3.240
3.330
3.360
3.230
3.201
3.370
3.399
V
5.0V Version
Output Voltage (Note 2)
SPX1083-3.3V, 0
≤IOUT≤8A,
6.5V
≤VIN≤25V
5.0
5.0
4.950
4.900
5.050
5.100
4.900
4.650
5.100
5.150
All Voltage Options
Reference Voltage
10 mA
≤ IOUT ≤ IFULLLOAD
3.3V
≤(VIN - VOUT )≤ VIN MAX – VOUT MAX
1.250
1.250
1.238
1.225
1.262
1.270
1.238
1.225
1.262
1.270
V
Mid Load Current
(VIN- VOUT) = VIN MAX – VOUT MAX
5
10
10
mA
Line Regulation
29V
≤VIN - VOUT ≤ VIN MAX – VOUT MAX
ILOAD = 10mA
0.015
0.05
0.2
0.5
0.2
0.5
%
Load Regulation
10mA
≤ IOUT ≤ IFULLLOAD
(VIN - VOUT)=3V
0.1
0.2
0.3
0.4
0.3
0.4
%
Dropout Voltage
IOUT=IFULLLOAD ,
∆VREF=1%
1.1
1.2
1.2
V
Current Limit
VIN - VOUT=5V
9.5
8.0
8.0
A
Long Term Stability
TA=125
°C, 1000Hrs.
0.3
1
1
%
Adjust Pin Current
TA=25
°C
55
90
90
µA
Adjust Pin Current
Change
0.2
5
5
µA
Thermal Regulation
30ms pulse
0.003
0.01
0.01
%/W
Temperature Stability
0.5
%
Ripple Rejection Ratio
VIN - VOUT=3V
IOUT =3A, COUT = 25
µF, CADJ = 25µF,
f= 120Hz
75
60
60
dB
Output Noise, RMS
10Hz to 10kHz
0.003
% VO
Thermal Resistance
Junction-to-Case
TO-220
Junction to Tab
Junction to Ambient
2.7
0.65
2.7
0.65
°C/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: A 10
µF output capacitor is required on SPX1083



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com