Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1083 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1083
Description  8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1083 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1083 Datasheet HTML 1Page - Sipex Corporation SPX1083 Datasheet HTML 2Page - Sipex Corporation SPX1083 Datasheet HTML 3Page - Sipex Corporation SPX1083 Datasheet HTML 4Page - Sipex Corporation SPX1083 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 10/23/00
SPX1083
TYPICAL CHARACTERISTICS
1.270
1.260
1.230
TEMPERATURE (ºC)
TEMPERATURE STABILITY
1.250
1.240
12
10
6
4
0
INPUT/OUTPUT DIFFERENTIAL (V)
8
2
0
510
15
20
25
30
SHORT CIRCUIT CURRENT
7
6
3
0
INPUT/OUTPUT DIFFERENTIAL (V)
5
4
1
0
510
15 20
25
30
35
MINIMUM OPERATING CURRENT
2
0
0
68
10
OUTPUT CURRENT (A)
DROPOUT VOLTAGE
9
7
5
1
0.05
-0.05
-0.15
-0.20
-50
25
150
INPUT/OUTPUT DIFFERENTIAL (V)
LOAD REGULATION
-25
0
50
100 125
0
90
50
20
TEMPERATURE (ºC)
40
30
10
0
ADJUSTMENT PIN CURRENT
100
60
70
80
25
50
75 100 125 150
0
-25
-50
25
50
75 100 125 150
0
-25
-50
2
8
10
9
35
75
4
3
2
1
-0.10
0.10
INDICATES GUARANTEED TEST
POINT
-40ºC T
J 150ºC
0ºC T
J 120ºC
T
J =150ºC
T
J =25ºC
T
J = -55ºC
T
J =150ºC
T
J =-55ºC
T
J =25ºC
I
FULLLOAD
-55ºC
150ºC
25ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com