Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1117
Description  800mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1117 Datasheet HTML 1Page - Sipex Corporation SPX1117 Datasheet HTML 2Page - Sipex Corporation SPX1117 Datasheet HTML 3Page - Sipex Corporation SPX1117 Datasheet HTML 4Page - Sipex Corporation SPX1117 Datasheet HTML 5Page - Sipex Corporation SPX1117 Datasheet HTML 6Page - Sipex Corporation SPX1117 Datasheet HTML 7Page - Sipex Corporation SPX1117 Datasheet HTML 8Page - Sipex Corporation SPX1117 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 8/25/04
SPX1117 800mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Load Regulation for SPX1117M3-3.3;
Figure 2. Line Regulation for SPX1117M3-3.3;
VIN=4.8V
IOUT=10mA
Figure 3. Dropout Voltage vs Output Current for
SPX1117M3-3.3; V
IN=4.8V, COUT=2.2µF
Figure 5. Current Limit for SPX1117M3-3.3, Output
Voltage Deviation with IOUT=10mA to 1A Step
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
10
100
1000
Output Current (mA)
3.300
3.305
3.310
3.315
3.320
3.325
4.5
6.5
8.5
10.5
12.5
14.5
Vin (V)
0.9
1.0
1.1
1.2
1.3
100
200
300
400
500
600
700
800
900
1000
Io (mA)
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.25v Adj
125°C
22µF
Indicating Current
Limit Starts
V
IN
= 4.0V
V
IN
=3.3V Fixed
1
O
=10mA
C
IN
=1µF Tan Cap
C
OUT
=2.2µF Tan Cap
100
0
-100
1.5
1.0
0.5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time (ms)
0.00
0.50
1.00
1.50
2.00
-50
-25
0
25
50
75
100
125
Temp (
oC)
Figure 6. VOUT vs Temperature, VIN=2.5V, IOUT=10mA
Figure 4. Current Limit for SP1117M3-3.3; VIN=4.8V,
CIN=COUT=1
µF, IOUT pulsed from 10mA to Current
Limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com