Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1117
Description  800mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX1117 Datasheet HTML 2Page - Sipex Corporation SPX1117 Datasheet HTML 3Page - Sipex Corporation SPX1117 Datasheet HTML 4Page - Sipex Corporation SPX1117 Datasheet HTML 5Page - Sipex Corporation SPX1117 Datasheet HTML 6Page - Sipex Corporation SPX1117 Datasheet HTML 7Page - Sipex Corporation SPX1117 Datasheet HTML 8Page - Sipex Corporation SPX1117 Datasheet HTML 9Page - Sipex Corporation SPX1117 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 8/25/04
SPX1117 800mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Output Capacitor
To ensure the stability of the SPX1117, an
output capacitor of at least 2.2
µF (tantalum or
ceramic) or 10
µF (aluminum) is required. The
value may change based on the application
requirements of the output load or temperature
range. The value of ESR can vary based on the
type of capacitor used in the applications to
guarantee stability. The recommended value
for ESR is 0.5
Ω or less. A larger value of
output capacitance (up to 100
µF) can improve
the load transient response.
Soldering Methods
The SPX1117 SOT-223 package is designed
to be compatible with infrared reflow or
vapor-phase reflow soldering techniques.
During soldering, the non-active or mildly
active fluxes may be used. The SPX1117 die
is attached to the heatsink lead which exits
opposite the input, output, and ground pins.
Hand soldering and wave soldering should be
avoided since these methods can cause
damage to the device with excessive thermal
gradients on the package. The SOT-223
recommended soldering method are as
follows: vapor phase reflow and infrared
reflow with the component preheated to within
65
°C of the soldering temperature range.
Figure 16. Load Step Response (0 to 800mA), Vin=3.3V,
Vout=1.8V, Cin=10
µF, Cout=2.2µF, Ceramic; 1 = Vout,
4= Iload
Figure 17. Load Step Response (0 to 800mA), Vin=3.3V,
Vout=1.8V, Cin=10
µF, Cout=2.2µF, OSCON; 1 = Vout,
4= Iload
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com