Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1121 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rev. 10/11/02
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2002 Sipex Corporation
150mA Low Dropout Voltage Regulator
SPX1121
DESCRIPTION
FEATURES
■ 5.0V and 3.3V output versions
■ 1% Output Accuracy
■ Very Low Quiescent Current
■ Low Dropout: 300mV @ 150mA
■ Very Tight Load & Line Regulation
■ Very Low Temperature Coefficient
■ Current and Thermal Limiting
■ Requires only 1µF for Stability
■ Equivalent Replacement for LT1121
■ Industry Standard SOT-223 and TO-92
3 lead packages
®
The SPX1121 is a low power voltage regulator. It is an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems, and portable computers. The
SPX1121 features very low quiescent current and low dropout voltage (typ. 20mV at 100µA and
300mV at 150mA). A tight initial tolerance (1%), extremely good load and line regulation (0.05%
typ.), and very low output temperature coefficient (20 ppm/°C typ.), make the SPX1121 useful
as a low power voltage reference.
13
2
V
OUT
GND
SOT-223 Package (M3)
Front View
V
IN
SPX1121
Bottom View
13
2
OUTPUT
GND
INPUT
TO-92 (N)
+
2.2µF
+
SPX1121
I
IN
I
G
I
L
5V
IN
OUT
GND
LOAD
I
IN = IL + IG
V
OUT
0.1µF
Figure 1. Fixed +5V Regulator Circuit
PACKAGES


Similar Part No. - SPX1121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
81Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121 SIPEX-SPX1121 Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3-3 SIPEX-SPX1121M3-3-3 Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3-3/TR SIPEX-SPX1121M3-3-3/TR Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3.3 SIPEX-SPX1121M3-3.3 Datasheet
81Kb / 9P
150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1121

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
150mA Low Dropout Voltage Regulator
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com