Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1121 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. 10/11/02
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2002 Sipex Corporation
6
EXTERNAL CAPACITORS
The stability of the SPX1121 requires a 1
µF or
greater capacitor between output and ground.
Oscillation could occur without this capacitor.
Most types of tantalum or aluminum electro-
lytic works fine here. For operations below -
25
°C solid tantalum is recommended since the
many aluminum types have electrolytes that
freeze at about -30
°C. The ESR of about 5Ω or
less and resonant frequency above 500kHz are
the most important parameters in the value of
the capacitor. The capacitors value may be in-
creased without limit.
The SPX1121 unlike other low dropout regula-
tors will remain stable and in regulation with no
load in addition to the internal voltage divider.
This feature is especially important in applica-
tions like CMOS RAM keep-alive.
If there is more than 10 inches of wire between
the input and the AC filter capacitor or if a
battery is used as the input then a 0.1
µF tantalum
or aluminum electrolytic capacitor should be
placed from the input to the ground.
REDUCING OUTPUT NOISE
It may be an advantage to reduce the AC noise
present at the output. One way is to reduce the
regulator bandwidth by increasing the size of
the output capacitor. Increasing the capacitor
from 1
µF to 220 µF decreases the noise from
430
µV to 160µVRMS for a 100kHz bandwidth
at 5V output.
APPLICATIONS HINTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com