Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP804SCN Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP804SCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804SCN Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP804SCN Datasheet HTML 9Page - Sipex Corporation SP804SCN Datasheet HTML 10Page - Sipex Corporation SP804SCN Datasheet HTML 11Page - Sipex Corporation SP804SCN Datasheet HTML 12Page - Sipex Corporation SP804SCN Datasheet HTML 13Page - Sipex Corporation SP804SCN Datasheet HTML 14Page - Sipex Corporation SP804SCN Datasheet HTML 15Page - Sipex Corporation SP804SCN Datasheet HTML 16Page - Sipex Corporation SP804SCN Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
The watchdog timer can also initiate a reset.
Refer to the Watchdog Input section.
The SP804T/S/R and SP805T/S/R active-HIGH
RESET output is open drain and the inverse
of the SP690T/S/R and SP802T/S/R RESET
outputs.
RESET is also triggered by a watchdog timeout.
If WDI remains either high or low for a period
that exceeds the watchdog timeout period (1.6
sec), RESET pulses low for 200mS. As long as
RESET is asserted, the watchdog timer remains
cleared. When RESET comes high, the watch-
dog resumes timing and must be serviced within
1.6sec. If WDI is tied high or low, a RESET
pulse is triggered every 1.8sec (t
WD plus tRS).
Reset Threshold
The SP690T and SP805T devices are designed
for 3.3V systems with a
±5% power-supply
tolerance and a 10% system tolerance. Except
for watchdog faults, reset will not assert as long
as the power supply remains above 3.15V (3.3V
- 5%). Reset is guaranteed to assert before the
power supply falls below 3.0V.
The SP690S and SP805S devices are designed
for 3.3V
±10% power supplies. Except for
watchdog faults, they are guaranteed not to
assert reset as long as the supply remains above
3.0V (3.3V - 10%). Reset is guaranteed to
assert before the power supply fails below 2.85V
(V
CC - 14%).
The SP690R and SP805R devices are optimized
for monitoring 3.0V
±10%powersupplies. Reset
will not occur until V
CC falls below 2.7V (3.0V
- 10%), but is guaranteed to occur before the
supply falls below 2.55V (3.0V - 15%).
The SP802T/S/R and SP804T/S/R devices are
respectively similar to the SP690T/S/R and
SP805T/S/R devices with tightened reset
and power-fail threshold tolerances.
Watchdog Input
The watchdog circuit monitors the
µP's activity.
If the
µP does not toggle the watchdog input
(WDI) within 1.6sec, a reset pulse is triggered.
The internal 1.6sec timer is cleared by either a
reset pulse or by a transition (LOW-to-HIGH or
HIGH-to-LOW) at WDI. If WDI is tied HIGH
or LOW, a RESET pulse is triggered every
1.8sec (t
WD plus tRS).
As long as reset is asserted, the timer remains
cleared and does not count. As soon as reset is
de-asserted, the timer starts counting. Unlike
the 5V SP690A series, the watchdog function
cannot be disabled.
Power-Fail Comparator
The power-fail comparator can be used as an
under-voltage detector to signal the failing of a
power supply (it is completely separate from the
rest of the circuitry and does not need to be
dedicated to this function). The PFI input is
compared to an internal 1.25V. If PFI is less than
V
PFT, PFO goes low.
The power-fail comparator turns off and PFO
goes LOW when V
CC falls below VSW on
power-down. The power-fail comparator turns
on as V
CC crosses VSW on power-up. If the
comparator is not used, connect PFI to ground
and leave PFO unconnected.
Backup-Battery Switchover
In the event of a brownout or power failure, it
may be necessary to preserve the contents of
RAM. With a backup battery installed at
V
BATTERY, the devices automatically switch
RAM to backup power when V
CC fails.
This family of
µP supervisors (designed for
3.3V and 3V systems) doesn't always connect
V
BATTERY to VOUT when VBATTERY is greater
than V
CC. VBATTERY connects to VOUT (through
a 15
Ω switch) when V
CC is below VSW and
V
BATTERY is greater than VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com