Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP804SCN Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP804SCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804SCN Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP804SCN Datasheet HTML 12Page - Sipex Corporation SP804SCN Datasheet HTML 13Page - Sipex Corporation SP804SCN Datasheet HTML 14Page - Sipex Corporation SP804SCN Datasheet HTML 15Page - Sipex Corporation SP804SCN Datasheet HTML 16Page - Sipex Corporation SP804SCN Datasheet HTML 17Page - Sipex Corporation SP804SCN Datasheet HTML 18Page - Sipex Corporation SP804SCN Datasheet HTML 19Page - Sipex Corporation SP804SCN Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
16
Figure 24. Interfacing to Microprocessors with
Bidirectional RESET I/O
VCC
GND
VCC
GND
RESET
RESET
4.7K
Ω
µP
Buffered RESET connects to System Components
Monitoring an Additional Power Supply
These
µP supervisors can monitor either positive
or negative supplies using a resistor voltage
divider to PFI. PFO can be used to generate an
interrupt to the
µP, as seen in Figure 23.
Interfacing to
µPs with Bidirectional
Reset Pins
Any
µPs with bidirectional reset pins, such as
the Motorola 68HC11 series, can interface with
the SP690_ and the SP802_ RESET outputs.
For example, if the RESET output is driven
HIGH and the
µP wants to pull it LOW,
indeterminate logic levels may result. To correct
this, connect a 4.7k
Ω resistor between the
RESET output and the
µP reset I/O, as in
Figure 24. Buffer the RESET output to other
system components.
Negative-Going V
CC Transients
While issuing resets to the
µP during power-up,
power-down, and brownout conditions, these
supervisors are relatively immune to short-
duration negative-going V
CC
transients
(glitches). It is usually undesirable to reset the
µP when V
CC experiences only small glitches.
Figure 25 shows maximum transient duration
vs. reset-comparator overdrive, for which reset
pulses are not generated. The data was generated
using negative-going V
CC pulses, starting at
3.3V and ending below the reset threshold by
the magnitude indicated (reset comparator
overdrive). The graph shows the maximum pulse
width a negative-going V
CC transient may
typically have without causing a reset pulse to
be issued. As the amplitude of the transient
increases (i.e. goes farther below the reset
threshold), the maximum allowable pulse width
decreases. Typically, a V
CC transient that goes
100mV below the reset threshold and lasts for
40
µs or less will not cause a reset pulse to be
issued. A 100nF bypass capacitor mounted close
to the V
CC pin provides additional transient
immunity.
Figure 25. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator Overdrive
1nF Capacitor
V
OUT TO GND
Above Line
RESET
Generated
NO
RESET
Generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com