Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2730 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2730
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2730 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2730 Datasheet HTML 1Page - Sipex Corporation SPX2730 Datasheet HTML 2Page - Sipex Corporation SPX2730 Datasheet HTML 3Page - Sipex Corporation SPX2730 Datasheet HTML 4Page - Sipex Corporation SPX2730 Datasheet HTML 5Page - Sipex Corporation SPX2730 Datasheet HTML 6Page - Sipex Corporation SPX2730 Datasheet HTML 7Page - Sipex Corporation SPX2730 Datasheet HTML 8Page - Sipex Corporation SPX2730 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 5 Seconds) ................................ 260°C
Maximum Input Voltage ...................................... 16V
Storage Temperature Range ......................................................-65° to +150°C
Operating Junction Temperature Range
SPX2730/31/32/33 Control Section ................................ -45°C +125°C
SPX2730/31/32/33 Power Transistor............................... -45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at I
OUT = 10mA, Ta=25
°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
SPX2730/31/32/33
Min
Max
Units
3.3V Version
Output Voltage (Note 2)
IOUT = 10mA
10mA
≤IOUT≤ 3A, 4.75V≤VIN ≤16V
3.3
3.3
3.270
3.240
3.330
3.360
V
5.0V Version
Output Voltage (Note 2)
IOUT = 10mA
10mA
≤IOUT≤ 3A, 5.5V≤VIN ≤16V
5.0
5.0
4.95
4.90
5.05
5.10
V
All Voltage Options
Reference Voltage
1.240
1.228
1.215
1.252
1.265
V
Reference Voltage
(Note 8)`
1.203
1.277
V
Line Regulation
IO = 10mA, (VOUT + 1V)
≤ VIN≤ 16V
0.06
0.5
%
Load Regulation
VIN = VOUT + 5V, 10mA
≤ IOUT≤ IFULLLOAD
(Note 2, 6)
0.2
1
%
∆V
20
100
ppm/
°C
∆T
Output Voltage (Note 6)
Temperature Coef.
IO = 100mA
80
175
IO = 1.5A
250
Dropout Voltage
IO = 3A
370
600
mV
Ground Current
IO = 1.5A, VIN = VOUT, +1V
IO = 3A
10
37
35
mA
IGNDDO Ground Pin Current at
Dropout
VIN = 0.5V less than specified VOUT IOUT = 10mA
0.9
mA
Current Limit
VOUT = 0V (Note 4)
4.5
3.0
A
Output Noise Voltage
(10Hz to 100kHz)
IL = 100mA
CL = 10
µF
CL = 33
µF
400
260
V RMS
Adjust Pin
Bias Current
40
80
120
nA
Reference Voltage
Temperature
Coefficient
(Note 7)
20
ppm/
°C
Adjust Pin Bias
Current Temperature
Coefficient
0.1
nA/
°C
Flag Output (Error Comparator) SPX2731/SPX2733
Output Leakage
Current
VOH = 16V
0.01
1.00
2.00
µA
Output Low
Voltage
Device set for 5V. VIN = 4.5V
IOL = 250
µA
220
300
400
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com