Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2730 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2730
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2730 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2730 Datasheet HTML 1Page - Sipex Corporation SPX2730 Datasheet HTML 2Page - Sipex Corporation SPX2730 Datasheet HTML 3Page - Sipex Corporation SPX2730 Datasheet HTML 4Page - Sipex Corporation SPX2730 Datasheet HTML 5Page - Sipex Corporation SPX2730 Datasheet HTML 6Page - Sipex Corporation SPX2730 Datasheet HTML 7Page - Sipex Corporation SPX2730 Datasheet HTML 8Page - Sipex Corporation SPX2730 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
(Cont.)
Upper Threshold
Voltage
Device set for 5V (Note 9)
60
40
25
mV
Lower Threshold
Voltage
Device set for 5V (Note 9)
75
95
140
mV
Hysteresis
Device set for 5V (Note 9)
15
mV
ENABLE Input SPX2731/SPX2732
Input Logic Voltage
Low (OFF)
High (ON)
2.4
0.8
V
VEN = 16V
100
600
750
V
Enable Pin
Input Current
VEN = 0.8V
1
2
µA
Regulator Output
Current in Shutdown
(Note 10)
10
500
µA
Notes:
The Bold specifications apply to the full operating temperature range.
Note 1: Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle.) The maximum continuous supply voltage is 16V.
Note 2: Full load current (IFL) is defined as 1.5A for the
Note 3: Dropout voltage is defined as the input-to output differential when the output voltage drops to 99% of its nominal value with VOUT + 1V applied to VIN.
Note 4: VIN = VOUT (NOMINAL) +1V. For example, use VIN= 4.3V for a3.3V regulator. Employ pulse-testing procedures to minimize temperature rise.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground current.
Note 6: Output voltage temperature coefficient is defined as the worst case voltage changed divided by the total temperature range.
Note 7: Thermal regulation is defined as the change in the output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation
effects. Specifications are for a 200mA load pulse as VIN = 20V (a 4W pulse) for T = 10ms.
Note 8: VREF
≤ VOUT ≤ (VIN – 1), 2.3V ≤ VIN≤ 16V, 10mA < IL ≤ IFL, TJ ≤ TJMAX
Note 9: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured a 6V input. To
express these thresholds in terms of output voltage change, multiply the error amplifier gain = VOUT/VREF = (R1 + R2)R2. For example, at a programmable output
voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Threshold remain constant as a percent of VOUT as VOUT
is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10: VEN
≤ 0.8V and VIN ≤ 16V, VOUT = 0.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com