Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2937 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2937
Description  500mA Low Dropout Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2937 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2937 Datasheet HTML 1Page - Sipex Corporation SPX2937 Datasheet HTML 2Page - Sipex Corporation SPX2937 Datasheet HTML 3Page - Sipex Corporation SPX2937 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 10/30/00
SPX2937
ABSOLUTE MAXIMUM RATINGS
Power Dissipation..........................................Internally Limited
Input Supply Voltage ................................................... +20V
Lead Temp. (Soldering, 10 Seconds) .............................. 260°C
Feedback Input Voltage ..................................-1.5V to +20V
Storage Temperature Range ......................... -65°C to +150°C
Shutdown Input Voltage..................................-0.3V to +20V
Operating Junction Temperature Range ........ -40°C to +125°C
Error Comparator Output ................................-0.3V to +20V
ESD Rating ............................................................2KV Min
ELECTRICAL CHARACTERISTICS at VIN = VO + 5V, IO = 500mA, CO = 10 µF, unless otherwise specified. Limits in
Boldface type apply over the entire operating temperature range. All other specifications are TA = 25
°C.
PARAMETER
CONDITIONS
SPX2937-2.5
Min
Typ
Max
SPX2937-3.3
Min
Typ
Max
SPX2937-5.0
Min
Typ
Max
SPX2937-8.0
Min
Typ
Max
UNITS
Output Voltage
5mA
≤IO ≤0.75A
2.42
2.38
2.5
2.56
2.62
3.20
3.14
3.3
3.40
3.46
4.85
4.75
5.0
5.15
5.25
7.76
7.60
8.0
8.24
8.40
V
Line Regulation
VO+2V
≤VIN≤ 20V
IO=5mA
7.5
25
9.9
33
15
50
24
80
mV
Load Regulation
50mA
≤IO≤ 500mA
2.5
25
3.3
33
5
50
8
80
mV
Dropout Voltage
IL = 50 mA
IL = 500mA
110
0.5
250
1.0
110
0.5
250
1.0
110
0.5
250
1.0
110
0.5
250
1.0
mV
V
Quiescent
Current
VO + 2V
≤VIN≤20V
IO = 5mA
VIN=VO+5V
IO=500mA
2
10
10
20
2
10
10
20
2
10
10
20
2
10
10
20
mA
mA
Output Noise
Voltage
10Hz - 100kHz
IO = 5mA
75
99
150
240
µVRMS
Ripple Rejection
FO = 120Hz, 1VRMS
IO = 500mA
60
54
72
60
54
72
60
54
72
60
54
72
dB
Long Term
Stability
10
13.2
20
32
mV/ 1000Hr
Short Circuit
Current
0.6
1.0
0.6
1.0
1.0
0.60
1.0
0.60
A
Maximum Line
Transient
RO = 100
Ω
T
≤ 100ms
60
75
60
75
60
75
60
75
V
Reverse Polarity
DC Input
Voltage
RO = 100
Ω
-15
-30
-15
-30
-15
-30
-15
-30
V
Reverse Polarity
Transient Input
Voltage
RO = 100
Ω
T
≤ 100ms
-50
-75
-50
-75
-50
-75
-50
-75
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com