Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2937 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2937
Description  500mA Low Dropout Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2937 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2937 Datasheet HTML 1Page - Sipex Corporation SPX2937 Datasheet HTML 2Page - Sipex Corporation SPX2937 Datasheet HTML 3Page - Sipex Corporation SPX2937 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 10/30/00
SPX2937
ELECTRICAL CHARACTERISTICS at VIN = VO + 5V, IO = 500mA, CO = 10 µF, unless otherwise specified. Limits in
Boldface type apply over the entire operating temperature range. All other specifications are TA = 25
°C.
PARAMETER
CONDITIONS
SPX2937-10
Min
Typ
Max
SPX2937-12
Min
Typ
Max
SPX2937-15
Min
Typ
Max
UNITS
Output Voltage
5mA
≤IO ≤500mA
9.70
9.50
10.0
10.3
10.5
11.64
11.40
12.0
12.36
12.60
14.55
14.25
15.0
15.45
15.75
V
Line Regulation
VO+2V
≤VIN≤ 20V
IO=5mA
30
100
36
120
45
150
mV
Load Regulation
5mA
≤IO≤ 500mA
10
100
12
120
15
150
mV
Dropout Voltage
IL = 50 mA
IL = 500mA
0.5
250
1.0
110
0.5
250
1.0
110
0.5
250
1.0
mV
V
Quiescent Current
VO + 2V
≤VIN≤20V
IO = 5mA
VIN=VO+5V
IO=500mA
2
10
10
20
2
10
10
20
2
10
10
20
mA
mA
Output Noise
Voltage
10Hz- 100kHz
IO = 5mA
300
360
450
µVRMS
Long Term
Stability
51
45
63
44
56
mV/ 1000Hr
Short Circuit
Current
1.0
0.6
1.0
0.6
1.0
0.6
A
Maximum Line
Transient
RO = 100
Ω
T
≤ 100ms
60
75
60
75
60
75
V
Reverse Polarity
DC Input Voltage
RO = 100
Ω
-15
-15
-30
-30
-15
-15
-30
-30
-15
-15
-30
-30
V
Reverse Polarity
Transient Input
Voltage
RO = 100
Ω
T
≤ 100ms
-50
-75
-50
-75
-50
-75
V
APPLICATION HINTS
EXTERNAL CAPACITORS
The stability of the SPX2937 requires a 10
µF or greater capacitor between output and ground. Oscillation could occur without this capacitor. Most
types of tantalum or aluminum electrolytic works fine here. For operations below -25
°C solid tantalum is recommended since the many aluminum
types have electrolytes that freeze at about -30
°C. The ESR of about 5Ω or less and resonant frequency above 500 kHz are the most important
parameters in the value of the capacitor. The capacitor value may be increased without limit.
At lower values of output current, less output capacitance is required for stability. For the currents below 10mA the value of the capacitor can be
reduced to 22
µF and 0.15µF for 1mA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com