Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3819 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX3819
Description  500 mA, Low-Noise LDO Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX3819 Datasheet HTML 1Page - Sipex Corporation SPX3819 Datasheet HTML 2Page - Sipex Corporation SPX3819 Datasheet HTML 3Page - Sipex Corporation SPX3819 Datasheet HTML 4Page - Sipex Corporation SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
Power Dissipation ...................................................... Internally Limited
Lead Temp. (Soldering, 5 Seconds) ........................................... 260°C
Operating Junction Temperature Range ................... -40°C to +125°C
Input Supply Voltage ........................................................ -20V to +20V
Enable Input Voltage ........................................................ -20V to +20V
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
Output Voltage Tolerance
-1
+1
%
-2
+2
♦
Output Voltage Temperature Coef.
57
ppm/°C
Line Regulation
0.04
0.1
%/V
VIN=VOUT + 1V to 16V
Load Regulation
0.05
0.4
%
IL = 0.1mA to 500mA
Dropout Voltage
10
60
mV
IL = 100µA
(VIN-VO)(Note 2)
80
♦
125
175
mV
IL = 50mA
250
♦
180
350
mV
IL = 150mA
450
♦
340
550
mV
IL = 500mA
700
♦
Quiescent Current (IGND)0.05
3
µAVENABLE ≤ 0.4V
8
♦
VENABLE ≤ 0.25V
Ground Pin Current (IGND)90
150
µAIL = 100µA
190
♦
250
650
µAIL = 50mA
900
♦
1.0
2.0
mA
IL = 150mA
2.5
♦
6.5
25.0
mA
IL = 500mA
30.0
♦
Ripple Rejection (PSRR)
70
dB
Current Limit (ILIMIT)
800
mA
VOUT = 0V
950
♦
Output Noise (eNO)
300
µVRMS
IL=10mA, CL=1.0µF, CIN=1µF,
(10Hz-100kHz)
40
µVRMS
IL=10mA, CL=10µF, CBYP =1µF,
CIN =1µF, (10Hz-100kHz)
Input Voltage Level Logic Low (VIL)0.4
V
OFF
Input Voltage Level Logic High (VIH)2
V
ON
ENABLE Input Current
0.01
2
µAVIL ≤ 0.4V
320
VIH ≥ 2.0V
Thermal Resistance (Note 1)
220
°C/W
♦
SOT-23-5 / Junction to Ambient
180
°C/W
♦
SO-8 / Junction to Ambient
ELECTRICAL CHARACTERISTICS
TJ=25°C, VOUT + 1V, for 1.2V Option VIN=VOUT + 1.2V IL=100µA, CL=1µF, and VENABLE ≥ 2.4V. The ♦ denotes the
specifications which apply over full operating temperature range -40
°C to +85°C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
NOTES
Note 1: The maximum allowable power dissipation is a function of maximum operating junction temperature, TJ(max) the junction to ambient thermal
resistance, and the ambient θJA, and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is
given: PD(max) = (TJ(max)-TA)/θJA, exceeding the maximum allowable power limit will result in excessive die temperature; thus, the regulator will
go into thermal shutdown. The θJA of the SPX3819 is 220°C/W mounted on a PC board.
Note 2: Not applicable to output voltage 2V or less.
Input Voltage ................................................................... +2.5V to+16V
Operating Junction Temperature Range ................... -40°C to +125°C
Enable Input Voltage .............................................................. 0V to V
IN
RECOMMENDED OPERATIONG CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com